Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFT05MS006N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # AFT05MS006N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MS006N Datasheet(HTML) 3 Page - NXP Semiconductors

  AFT05MS006N Datasheet HTML 1Page - NXP Semiconductors AFT05MS006N Datasheet HTML 2Page - NXP Semiconductors AFT05MS006N Datasheet HTML 3Page - NXP Semiconductors AFT05MS006N Datasheet HTML 4Page - NXP Semiconductors AFT05MS006N Datasheet HTML 5Page - NXP Semiconductors AFT05MS006N Datasheet HTML 6Page - NXP Semiconductors AFT05MS006N Datasheet HTML 7Page - NXP Semiconductors AFT05MS006N Datasheet HTML 8Page - NXP Semiconductors AFT05MS006N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
AFT05MS006NT1
3
RF Device Data
Freescale Semiconductor, Inc.
Table 5. Electrical Characteristics (TA =25C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Dynamic Characteristics
Reverse Transfer Capacitance
(VDS =7.5 Vdc  30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Crss
1.7
pF
Output Capacitance
(VDS =7.5 Vdc  30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Coss
47
pF
Input Capacitance
(VDS =7.5 Vdc, VGS =0 Vdc  30 mV(rms)ac @ 1 MHz)
Ciss
75
pF
Functional Tests (In Freescale Test Fixture, 50 ohm system) VDD =7.5 Vdc, IDQ = 100 mA, Pin = 19.5 dBm, f = 520 MHz
Common--Source Amplifier Output Power
Pout
6.0
W
Drain Efficiency
D
73.0
%
Load Mismatch/Ruggedness (In Freescale Test Fixture, 50 ohm system) IDQ = 100 mA
Frequency
(MHz)
Signal
Type
VSWR
Pin
(W)
Test Voltage, VDD
Result
520
CW
> 65:1 at all Phase Angles
0.12
(3 dB Overdrive)
10.8
No Device Degradation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com