Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFT09S200W02N Datasheet(PDF) 7 Page - NXP Semiconductors

Part # AFT09S200W02N
Description  N-Channel Enhancement-Mode Lateral MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09S200W02N Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button AFT09S200W02N Datasheet HTML 3Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 4Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 5Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 6Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 7Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 8Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 9Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 10Page - NXP Semiconductors AFT09S200W02N Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
AFT09S200W02NR3 AFT09S200W02GNR3
7
RF Device Data
Freescale Semiconductor, Inc.
VDD =28 Vdc,IDQ = 1484 mA, Pulsed CW, 10 sec(on), 10% Duty Cycle
f
(MHz)
Zsource
()
Zin
()
Max Output Power
P1dB
Zload (1)
()
Gain (dB)
(dBm)
(W)
D
(%)
AM/PM
()
920
1.94 - j4.69
2.09 + j4.54
0.625 - j0.97
17.7
54.0
253
51.4
-6
940
2.29 - j5.04
2.41 + j4.89
0.611 - j1.00
17.4
53.9
245
49.2
-6
960
2.98 - j5.40
2.82 + j5.25
0.653 - j1.12
17.2
53.8
239
49.0
-6
f
(MHz)
Zsource
()
Zin
()
Max Output Power
P3dB
Zload (2)
()
Gain (dB)
(dBm)
(W)
D
(%)
AM/PM
()
920
1.94 - j4.69
2.09 + j4.64
0.566 - j1.00
15.3
55.2
333
53.8
-9
940
2.29 - j5.04
2.43 + j4.99
0.564 - j1.06
15.0
55.1
325
52.5
-9
960
2.98 - j5.40
2.83 + j5.37
0.578 - j1.11
14.8
55.0
318
52.0
-8
(1) Load impedance for optimum P1dB power.
(2) Load impedance for optimum P3dB power.
Zsource = Measured impedance presented to the input of the device at the package reference plane.
Zin
= Impedance as measured from gate contact to ground.
Zload = Measured impedance presented to the output of the device at the package reference plane.
Figure 8. Load Pull Performance — Maximum Power Tuning
VDD =28 Vdc,IDQ = 1484 mA, Pulsed CW, 10 sec(on), 10% Duty Cycle
f
(MHz)
Zsource
()
Zin
()
Max Drain Efficiency
P1dB
Zload (1)
()
Gain (dB)
(dBm)
(W)
D
(%)
AM/PM
()
920
1.94 - j4.69
2.10 + j4.65
1.36 - j0.05
21.1
51.6
144
65.6
-12
940
2.29 - j5.04
2.45 + j4.99
1.33 - j0.14
20.8
51.6
145
63.6
-11
960
2.98 - j5.40
2.87 + j5.33
1.30 - j0.35
20.2
51.9
154
62.5
-10
f
(MHz)
Zsource
()
Zin
()
Max Drain Efficiency
P3dB
Zload (2)
()
Gain (dB)
(dBm)
(W)
D
(%)
AM/PM
()
920
1.94 - j4.69
2.12 + j4.72
1.34 - j0.18
18.9
52.8
191
68.6
-17
940
2.29 - j5.04
2.47 + j5.10
1.30 - j0.13
18.8
52.5
179
67.1
-17
960
2.98 - j5.40
2.89 + j5.44
1.27 - j0.35
18.2
52.8
191
65.6
-15
(1) Load impedance for optimum P1dB efficiency.
(2) Load impedance for optimum P3dB efficiency.
Zsource = Measured impedance presented to the input of the device at the package reference plane.
Zin
= Impedance as measured from gate contact to ground.
Zload = Measured impedance presented to the output of the device at the package reference plane.
Figure 9. Load Pull Performance — Maximum Drain Efficiency Tuning
Input Load Pull
Tuner and Test
Circuit
Device
Under
Test
Zsource Zin
Zload
Output Load Pull
Tuner and Test
Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com