Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFT09S200W02S Datasheet(PDF) 7 Page - NXP Semiconductors

Part # AFT09S200W02S
Description  N-Channel Enhancement-Mode Lateral MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09S200W02S Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button AFT09S200W02S Datasheet HTML 3Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 4Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 5Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 6Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 7Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 8Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 9Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 10Page - NXP Semiconductors AFT09S200W02S Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AFT09S200W02SR3
7
RF Device Data
Freescale Semiconductor, Inc.
Table 7. Load Pull Performance — Maximum Power Tuning
VDD =28 Vdc, IDQ = 1389 mA, Pulsed CW, 10 sec(on), 10% Duty Cycle
f
(MHz)
Zsource
()
Zin
()
Max Output Power
P1dB
Zload (1)
()
Gain (dB)
(dBm)
(W)
D
(%)
AM/PM
()
920
2.13 – j4.05
2.08 + j4.13
0.69 – j1.56
18.5
54.2
266
52.4
–6
940
2.50 – j4.42
2.43 + j4.41
0.69 – j1.61
18.2
54.2
266
52.4
–6
960
2.80 – j4.82
2.83 + j4.76
0.69 – j1.67
18.0
54.1
259
51.9
–6
f
(MHz)
Zsource
()
Zin
()
Max Output Power
P3dB
Zload (2)
()
Gain (dB)
(dBm)
(W)
D
(%)
AM/PM
()
920
2.13 – j4.05
2.09 + j4.23
0.65 – j1.63
16.2
55.5
351
56.4
–9
940
2.50 – j4.42
2.45 + j4.52
0.63 – j1.67
15.8
55.5
353
56.1
–9
960
2.80 – j4.82
2.86 + j4.89
0.63 – j1.68
15.6
55.4
348
56.1
–9
(1) Load impedance for optimum P1dB power.
(2) Load impedance for optimum P3dB power.
Zsource = Measured impedance presented to the input of the device at the package reference plane.
Zin
= Impedance as measured from gate contact to ground.
Zload = Measured impedance presented to the output of the device at the package reference plane.
Table 8. Load Pull Performance — Maximum Drain Efficiency Tuning
VDD =28 Vdc, IDQ = 1389 mA, Pulsed CW, 10 sec(on), 10% Duty Cycle
f
(MHz)
Zsource
()
Zin
()
Max Drain Efficiency
P1dB
Zload (1)
()
Gain (dB)
(dBm)
(W)
D
(%)
AM/PM
()
920
2.13 – j4.05
2.09 + j4.20
1.84 – j0.62
22.1
51.6
143
66.4
–13
940
2.50 – j4.42
2.47 + j4.48
1.79 – j0.56
21.9
51.4
137
66.8
–14
960
2.80 – j4.82
2.88 + j4.81
1.69 – j0.72
21.5
51.5
142
65.7
–13
f
(MHz)
Zsource
()
Zin
()
Max Drain Efficiency
P3dB
Zload (2)
()
Gain (dB)
(dBm)
(W)
D
(%)
AM/PM
()
920
2.13 – j4.05
2.10 + j4.29
1.65 – j0.75
19.8
52.9
196
70.5
–18
940
2.50 – j4.42
2.47 + j4.56
1.56 – j0.87
19.4
53.1
203
70.4
–18
960
2.80 – j4.82
2.90 + j4.92
1.54 – j0.90
19.1
53.0
197
69.2
–17
(1) Load impedance for optimum P1dB efficiency.
(2) Load impedance for optimum P3dB efficiency.
Zsource = Measured impedance presented to the input of the device at the package reference plane.
Zin
= Impedance as measured from gate contact to ground.
Zload = Measured impedance presented to the output of the device at the package reference plane.
Input Load Pull
Tuner and Test
Circuit
Device
Under
Test
Zsource Zin
Zload
Output Load Pull
Tuner and Test
Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com