Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSS901EASB Datasheet(PDF) 10 Page - ATMEL Corporation

Part # TSS901EASB
Description  Tripple Point to Point IEEE 1355 High Speed Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS901EASB Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button TSS901EASB Datasheet HTML 6Page - ATMEL Corporation TSS901EASB Datasheet HTML 7Page - ATMEL Corporation TSS901EASB Datasheet HTML 8Page - ATMEL Corporation TSS901EASB Datasheet HTML 9Page - ATMEL Corporation TSS901EASB Datasheet HTML 10Page - ATMEL Corporation TSS901EASB Datasheet HTML 11Page - ATMEL Corporation TSS901EASB Datasheet HTML 12Page - ATMEL Corporation TSS901EASB Datasheet HTML 13Page - ATMEL Corporation TSS901EASB Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
10
TSS901E
Rev. C – 24-Aug-01
TSS901E channel 3 status and control registers
36
36
36
CH2_PR_STAR
channel 2 Protocol Status Register
04
r / w
37
37
37
reserved
00
38
38
38
CH2_CNTRL1
channel 2 control Register 1
00
r / w
39
39
39
CH2_CNTRL2
channel 2 control Register 2
00
r / w
3A
3A
3A
CH2_HTID
channel 2 Header Transaction ID byte
00
ro
3B
3B
3B
CH2_HCNTRL
channel 2 Header control byte
00
ro
3C
3C
3C
CH2_ESR1
channel 2 detailed error source register 1
00
r / w
3D
3D
3D
CH2_ESR2
channel 2 detailed error source register 2
00
r / w
3E
3E
3E
reserved
00
3F
3F
3F
CH2_COMICFG
channel 2 COMI configuration register
00
r / w
40
40
40
41
CH2_TX_SAR
channel 2 transmit Start Address Register
00
r / w
42
42
42
43
CH2_TX_EAR
channel 2 transmit End Address Register
00
r / w
44
44
44
45
CH2_TX_CAR
channel 2 transmit Current Address Register
00
ro
46
46
46
CH2_TX_FIFO
channel 2 transmit FIFO
00
wo
47
47
47
CH2_TX_EOPB
channel 2 transmit EOP Bit Register
00
wo
48
48
48
49
CH2_RX_SAR
channel 2 receive Start Address Register
00
r / w
4A
4A
4A
4B
CH2_RX_EAR
channel 2 receive End Address Register
00
r / w
4C
4C
4C
4D
CH2_RX_CAR
channel 2 receive Current Address Register
00
ro
4E
4E
4E
CH2_RX_FIFO
channel 2 receive FIFO
xxxxxxxx
ro
4F
4F
4F
CH2_STAR
channel 2 Status Register
01
ro
Port Width / Address
(hex)
Register
Function
Reset Value
(hex)
Access
32
16
8
Port Width / Address
(hex)
Register
Function
Reset Value
(hex)
Access
32
16
8
50
50
50
CH3_DSM_MODR
channel 3 DSM mode Register
03
r / w
51
51
51
CH3_DSM_CMDR
channel 3 DSM command Register
00
r / w
52
52
52
CH3_DSM_STAR
channel 3 DSM status Register
00
r / w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com