Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMUX1072RUTR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1072RUTR
Description  2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1072RUTR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMUX1072RUTR Datasheet HTML 8Page - Texas Instruments TMUX1072RUTR Datasheet HTML 9Page - Texas Instruments TMUX1072RUTR Datasheet HTML 10Page - Texas Instruments TMUX1072RUTR Datasheet HTML 11Page - Texas Instruments TMUX1072RUTR Datasheet HTML 12Page - Texas Instruments TMUX1072RUTR Datasheet HTML 13Page - Texas Instruments TMUX1072RUTR Datasheet HTML 14Page - Texas Instruments TMUX1072RUTR Datasheet HTML 15Page - Texas Instruments TMUX1072RUTR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
OVP
Control
Logic
VCC
SEL2
OE
FLT
Switches
SEL1
3 M
6 M
6 M
VOVP
VCOM2
VCOM1
VNC1
VNC2
VNO1
VNO2
12
TMUX1072
SCDS382 – APRIL 2018
www.ti.com
Product Folder Links: TMUX1072
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TMUX1072 is a highspeed, 2-channel 2:1 analog switch with overvoltage protection. The device is
bidirectional and can be used as a dual 2:1 or 1:2 switch but OVP only applies to the COM pins. The device also
contains a fault detection pin which can signal to the system of either an overvoltage or overtemperature event.
The device maintains excellent signal integrity through the optimization of both RON and BW while protecting the
system with 0 V to 20 V OVP protection. The OVP implementation is designed to protect sensitive system
components behind the switch that cannot survive a fault conditions.
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com