Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L1131AG-15-AE5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L1131AG-15-AE5-R
Description  LOW NOISE 150mA LDO REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1131AG-15-AE5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L1131AG-15-AE5-R Datasheet HTML 1Page - Unisonic Technologies L1131AG-15-AE5-R Datasheet HTML 2Page - Unisonic Technologies L1131AG-15-AE5-R Datasheet HTML 3Page - Unisonic Technologies L1131AG-15-AE5-R Datasheet HTML 4Page - Unisonic Technologies L1131AG-15-AE5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L1131A
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R502-A41.e
LOW NOISE 150mA LDO
REGULATOR
DESCRIPTION
The UTC L1131A is a COMS positive linear regulator. One of
it’s feature is the very low quiescent current typical as low as 10μA
and its dropout voltage is extremely low with 150mA output current,
and high ripple rejection. Each of these ICs consists of a voltage
reference unit, an error amplifier, resistor-net for voltage setting, a
short current limit circuit, a chip enable circuit, and so on.
These ICs perform with low dropout voltage and the chip-enable
function. The supply current at no load of this IC is only 4.3μA, and
the line transient response and the load transient response of the
UTC L1131A Series are excellent, thus these ICs are very suitable
for the power supply for hand-held communication equipment.
The output voltage of these ICs is fixed with high accuracy.
Since the packages for these ICs are SOT-23-5 therefore high
density mounting of the ICs on boards is possible.
FEATURES
* Low supply current Typ. 4.3μA
* Standby mode Typ. 0.1μA
* Output Voltage Range 1.2V~5.0V
* Excellent line regulation Typ. 0.02%/V
* Built-in fold back protection circuit
* Ceramic capacitors are recommended to be used with this IC
CIN=COUT=1μF
ORDERING INFORMATION
Ordering Number
Package
Packing
L1131AG-xx-AE5-R
SOT-23-5
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.
L1131AG-xx-AE5-R
(1)Packing Type
(2)Package Type
(3)Output Voltage Code
(1) R: Tape Reel
(2) AE5: SOT-23-5
(3) xx: refer to Marking Information
(4) G: Halogen Free and Lead Free
(4)Green Package


Similar Part No. - L1131AG-15-AE5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1131AG-25-AF5-R UTC-L1131AG-25-AF5-R Datasheet
187Kb / 5P
LOW NOISE 150mA LDO REGULATOR
L1131AG-33-AF5-R UTC-L1131AG-33-AF5-R Datasheet
187Kb / 5P
LOW NOISE 150mA LDO REGULATOR
More results

Similar Description - L1131AG-15-AE5-R

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
LOW NOISE 150mA LDO REGULATOR???
Rev. 1.11
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
RP130X RICOH-RP130X Datasheet
510Kb / 32P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com