Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UR3320G-TN3-D-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UR3320G-TN3-D-R
Description  2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR3320G-TN3-D-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UR3320G-TN3-D-R Datasheet HTML 1Page - Unisonic Technologies UR3320G-TN3-D-R Datasheet HTML 2Page - Unisonic Technologies UR3320G-TN3-D-R Datasheet HTML 3Page - Unisonic Technologies UR3320G-TN3-D-R Datasheet HTML 4Page - Unisonic Technologies UR3320G-TN3-D-R Datasheet HTML 5Page - Unisonic Technologies UR3320G-TN3-D-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
URXX20
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R102-052. B
TYPICAL CHARACTERISTICS
VIN=18V
Io=0.5A
-25
100
50
25
0
75
125
-150
-100
-50
0
50
100
150
250
Fig.3 Output Voltage Deviation vs .Junction
Temperature (UR1220)
200
-200
0
25
15
10
520
0
5
10
15
20
Input voltage, VIN (V)
Fig.4 Output Voltage vs .Input Voltage
(UR1220)
RL=∞Ω
RL=12Ω
RL=6Ω
Junction temperature, TJ (°C)
Input voltage, VIN (V)
Fig.6 Dropout Voltage vs .Junction
Temperature (UR1220)
Junction temperature, TJ (°C)
20
40
60
80
Fig.5 Circuit Operating Current vs .Input
Voltage (UR1220)
0
25
15
10
520
0
-25
50
0
0.1
0.2
0.3
0.4
125
100
075
25
0.5
RL=∞Ω
RL=12Ω
RL=6Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com