Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PEX8605 Datasheet(PDF) 2 Page - PLX Technology

Part # PEX8605
Description  4-lane, 4-port PCIe Gen2 switch Integrate 5.0 GT/s SerDes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8605 Datasheet(HTML) 2 Page - PLX Technology

  PEX8605 Datasheet HTML 1Page - PLX Technology PEX8605 Datasheet HTML 2Page - PLX Technology PEX8605 Datasheet HTML 3Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PEX8605, PCI Express Gen 2 Switch, 4 Lanes, 4 Ports
© PLX Technology, www.plxtech.com
Page 2 of 3
8/17/2011, Version 1.1
Flexible Port Configurations
The PEX8605 flexible architecture supports a number of port
configurations as required by the target applications as shown in
figure 1 below.
Figure 1. Port Configurations
SerDes Power and Signal Management
The PEX8605 provides low power capability that is fully
compliant with the PCI Express power management
specification. In addition, the SerDes physical links can be
turned off when unused for even lower power. The PEX8605
supports software control of the SerDes outputs to allow
optimization of power and signal strength in a system. The PLX
SerDes implementation supports four levels of power – off, low,
typical, and high. The SerDes block also supports loop-back
modes and advanced reporting of error conditions, which
enables efficient debug and management of the entire system.
Port Arbitration and QoS
The PEX8605 switch supports hardware fixed Round-Robin
Ingress Port Arbitration. The PEX8605 also supports Eight
Traffic Classes (TCs) as defined in the PCIe specification.
Applications
Suitable for fan-out, consumer, control plane applications, and
embedded systems, PEX8605 is suited for a wide variety of form
factors and applications.
Fan-Out
The PEX8605 switch, with its flexible configurations, allows
user specific tuning to a variety of host-centric as well as peer-
to-peer applications.
Figure 2. Fan-in/out Usage
Figure 2 shows a typical fan-out design, where the processor
provides a PCI Express link that needs to be fanned into a larger
number of smaller ports for a variety of I/O functions, each with
different bandwidth requirements.
Multi-Function Printer
With its small footprint, the PEX8605 is ideal for consumer
applications. Figure 3 shows a multi-function printer block
diagram. The four ports in the PEX8605 provide connectivity
between the processor to up to three peripherals each via an x1
connection. In this usage model, the PEX8605 provides
connectivity to the processor as well as to the various ASICs.
Figure 3. Printer Block Diagram
Digital TV Tuner
An example of a digital TV tuner is shown in Figure 4. In this
example, the integrated SoC has a single PCIe connection. The
PEX8605 is used to provide connection to the USB 3.0 endpoint,
a gigabit Ethernet controller and a 3D graphics engine which are
used to connect to other consumer peripherals, to a high speed
home network and provide advanced graphics respectively.
Figure 4. Digital TV Tuner Fan-in/out Usage
Bandwidth Bridge
There are four PCIe lanes available in the PEX8605. Each one
can represent an individual port or alternatively two can be
joined to form a x2 port. A x2 port can provide double the
bandwidth of a x1 port when all lanes are operating at the same
data rates (all at 2.5GT/s or 5.0GT/s). In some instances, the
need to match the bandwidth between devices running at
PEX 8605
x1
x1
x1
x1
PEX 8605
x1
x2
x1
CPU
PEX 8605
PCIe
PCIe
PCIe
x1
x1
x1
x1
2.5 &5 GT/s
System
x1
PEX 8605
Processor
ASIC
ASIC
Eth
Scanner
Marking
Engine
x1
x1
x1
x1
SoC
Gbe
x1
x1
PEX 8605
USB3.0
3D
Engine
x1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com