Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HVC145 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HVC145
Description  Silicon Epitaxial Planar Pin Diode for Antenna Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC145 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HVC145 Datasheet HTML 1Page - Renesas Technology Corp HVC145 Datasheet HTML 2Page - Renesas Technology Corp HVC145 Datasheet HTML 3Page - Renesas Technology Corp HVC145 Datasheet HTML 4Page - Renesas Technology Corp HVC145 Datasheet HTML 5Page - Renesas Technology Corp HVC145 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HVC145
Rev.3.00 Dec 07, 2004 page 3 of 5
Main Characteristic
10
0
10
1
10
-1
10
1.0
0.1
f = 1MHz
0
0.2
0.4
0.6
0.8
1.0
10
-2
10
-4
10
-6
10
-8
10
-10
10
-12
080
20
60
40
100
10
-9
10
-7
10
-8
10
-10
10
-11
10
-12
10
-13
0.1
10
1.0
Ta = 75
°C
Ta = 25
°C
Ta = –25
°C
Ta = 75
°C
Ta = 50
°C
Ta = 25
°C
Fig.1 Forward current vs. Forward voltage
Forward voltage VF (V)
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
Fig.4 Forward resistance vs. Forward current
Forward current IF (A)
Fig.2 Reverse current vs. Reverse voltage
Reverse voltage VR (V)
10
-4
10
-3
10
-2
10
-1
10
3
10
2
f = 100MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com