Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDCM7005 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 35 Page - Texas Instruments

Back Button CDCM7005 Datasheet HTML 31Page - Texas Instruments CDCM7005 Datasheet HTML 32Page - Texas Instruments CDCM7005 Datasheet HTML 33Page - Texas Instruments CDCM7005 Datasheet HTML 34Page - Texas Instruments CDCM7005 Datasheet HTML 35Page - Texas Instruments CDCM7005 Datasheet HTML 36Page - Texas Instruments CDCM7005 Datasheet HTML 37Page - Texas Instruments CDCM7005 Datasheet HTML 38Page - Texas Instruments CDCM7005 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
www.ti.com
AC-Coupled Interface to ADC/DAC
DAC
CDCM7005
YxA
YxB
LVPECL
Driver
VCC
VCC
CDCM7005
SCAS793A – JUNE 2005 – REVISED JUNE 2005
The generation of the two required clock signals (data input clock, clock for DAC) for such an interpolating DAC
can be done in different ways. The recommended way is to use the CDCM7005, which generates the fast
sampling clock for the DAC from the data input clock signal. The DAC5687 demands that the edges of the two
input clocks must be phase aligned within
±500 ps for latching the data properly. This phase alignment is well
achieved with the CDCM7005, which assures a maximum skew of 70 ps of the different different outputs to each
other.
Another advantage of this clock solution is that the ADC or DAC can be driven directly in an ac-coupling interface
as shown in Figure 27, with an external termination in a differential configuration. There is no need for a
transformer to generate a differential signal from a single-ended clock source.
Figure 27. Driving DAC or ADC With PECL Output of the CDCM7005
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com