Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS950901 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS950901
Description  Programmable Timing Control Hub for P4
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950901 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS950901 Datasheet HTML 1Page - Integrated Circuit Systems ICS950901 Datasheet HTML 2Page - Integrated Circuit Systems ICS950901 Datasheet HTML 3Page - Integrated Circuit Systems ICS950901 Datasheet HTML 4Page - Integrated Circuit Systems ICS950901 Datasheet HTML 5Page - Integrated Circuit Systems ICS950901 Datasheet HTML 6Page - Integrated Circuit Systems ICS950901 Datasheet HTML 7Page - Integrated Circuit Systems ICS950901 Datasheet HTML 8Page - Integrated Circuit Systems ICS950901 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Integrated
Circuit
Systems, Inc.
ICS950901
Block Diagram
0474F—05/25/05
Pin Configuration
Recommended Application:
VIA P4X266 chipset with PC133 or DDR memory.
Output Features:
2 - Pair of differential CPU clocks @ 3.3V
1 - Pair of differential push pull CPU_CS clocks @ 2.5V
3 - AGP @ 3.3V
9 - PCI @ 3.3V
2 - IOAPIC @ 2.5V
1 - 48MHz @ 3.3V fixed
1 - 24_48MHz @ 3.3V
1 - REF @ 3.3V, 14.318MHz
Features/Benefits:
Programmable output frequency.
Programmable output divider ratios.
Programmable output rise/fall time.
Programmable output skew.
Programmable spread percentage for EMI control.
Watchdog timer technology to reset system
if system malfunctions.
Programmable watch dog safe frequency.
Support I
2C Index read/write and block read/write
operations.
For DDR and or PC133 SDRAM system use ICS93718
as the memory buffer.
Uses external 14.318MHz crystal.
Key Specifications:
CPU_CS - CPU0: <±250ps
CPU_CS - AGP: <±250ps
PCI - PCI: <500ps
CPU - PCI: Min = 1.0ns, Typ = 2.0ns, Max = 4.0ns
Programmable Timing Control Hub™ for P4™
1. These outputs have 2X drive strength.
* These inputs have a internal Pull-up resistor
of 120K to VDD
** These inputs have a internal pull-down to GND
48-Pin 300-mil SSOP
Frequency Table
I REF
I REF
PLL2
PLL2
PLL1
PLL1
Spread
Spread
Spectr
Spectrum
um
48MHz
48MHz
24_48MHz
24_48MHz
IO
IOAPIC (1:0)
APIC (1:0)
PCICLK (7:0)
PCICLK (7:0)
A
AGPCLK (2:0)
GPCLK (2:0)
RESET#
RESET#
PCICLK_F
PCICLK_F
3
3
X1
X1
X2
X2
XT
XTAL
AL
OSC
OSC
CPU
CPU
DIVDER
DIVDER
CPU
CPU
DIVDER
DIVDER
IO
IOAPIC
APIC
DIVDER
DIVDER
PCI
PCI
DIVDER
DIVDER
A
AGP
GP
DIVDER
DIVDER
Stop
Stop
Stop
Stop
Stop
Stop
SEL24_48
SEL24_48
SD
SDA
AT
TA
A
SCLK
SCLK
FS (3:0)
FS (3:0)
PD#
PD#
PCI_ST
PCI_STOP#
OP#
CPU_ST
CPU_STOP#
OP#
MUL
MULTI_SEL
TI_SEL
Vtt_PWRGD#
Vtt_PWRGD#
Control
Control
Logic
Logic
Config.
Config.
Reg.
Reg.
/ 2
/ 2
REF
REF
CPUCLKT_(1:0)
CPUCLKT_(1:0)
CPUCLKC_(1:0)
CPUCLKC_(1:0)
CPUCLKT_CS
CPUCLKT_CS
CPUCLKC_CS
CPUCLKC_CS
3
S
F2
S
F1
S
F0
S
F
K
L
C
U
P
C
z
H
M
P
G
A
z
H
M
K
L
C
I
C
P
z
H
M
00
0
0
7
6
.
6
66
6
.
6
63
3
.
3
3
00
0
1
0
0
.
0
0
17
6
.
6
63
3
.
3
3
001
0
3
3
.
3
3
17
6
.
6
63
3
.
3
3
001
1
0
0
.
0
0
26
6
.
6
63
3
.
3
3
01
0
0
0
9
.
0
0
17
2
.
7
63
6
.
3
3
01
0
1
0
0
.
3
0
17
6
.
8
63
3
.
4
3
01
1
0
0
0
.
7
0
13
3
.
1
77
6
.
5
3
01
1
1
0
0
.
0
1
13
3
.
3
77
6
.
6
3
100
0
0
9
.
3
3
15
9
.
6
68
4
.
3
3
100
1
3
3
.
7
3
16
6
.
8
63
3
.
4
3
10
1
0
0
0
.
0
4
10
0
.
0
70
0
.
5
3
10
1
1
6
6
.
2
4
13
3
.
1
77
6
.
5
3
11
0
0
3
3
.
5
4
16
6
.
2
73
3
.
6
3
11
0
1
6
6
.
6
4
13
3
.
3
77
6
.
6
3
11
1
0
3
3
.
3
5
16
6
.
6
73
3
.
8
3
11
1
1
0
0
.
0
6
10
0
.
0
80
0
.
0
4
1
*SEL24_48/REF
VDDREF
GND
X1
X2
VDD48
**FS3/48MHz
**FS2/24_48MHz
GND
*FS0/PCICLK_F
**FS1/PCICLK0
PCICLK1
GND
PCICLK2
PCICLK3
VDDPCI
PCICLK4
PCICLK5
PCICLK6
GND
PCICLK7
*PD#
AGPCLK0
VDDAGP
VDDAPIC (2.5V)
GND
IOAPIC0
IOAPIC1
GND
VDDCPU_CS (2.5V)
CPUCLKT_CS
CPUCLKC_CS
CPUCLKT_0
CPUCLKC_0
VDDCPU (3.3V)
I REF
GND
CPUCLKT_1
CPUCLKC_1
Vtt_PWRGD#
CPU_STOP#*
PCI_STOP#*
RESET#
SDATA
SCLK
AGPCLK2
AGPCLK1
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25


Similar Part No. - ICS950901

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950902 ICST-ICS950902 Datasheet
184Kb / 20P
Programmable Timing Control Hub??for P4?
ICS950902YFLF-T ICST-ICS950902YFLF-T Datasheet
184Kb / 20P
Programmable Timing Control Hub??for P4?
ICS950902YGLF-T ICST-ICS950902YGLF-T Datasheet
184Kb / 20P
Programmable Timing Control Hub??for P4?
ICS950905 ICST-ICS950905 Datasheet
206Kb / 18P
Programmable Timing Control Hub??for P4?
ICS950908 ICST-ICS950908 Datasheet
279Kb / 22P
Programmable Timing Control Hub??for P4?
More results

Similar Description - ICS950901

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
ICS950905 ICST-ICS950905 Datasheet
206Kb / 18P
Programmable Timing Control Hub??for P4?
ICS950910 ICST-ICS950910 Datasheet
183Kb / 20P
Programmable Timing Control Hub for P4
ICS950908 ICST-ICS950908 Datasheet
279Kb / 22P
Programmable Timing Control Hub??for P4?
ICS950902 ICST-ICS950902 Datasheet
184Kb / 20P
Programmable Timing Control Hub??for P4?
ICS950703 ICST-ICS950703 Datasheet
158Kb / 24P
PROGRAMMABLE TIMING CONTROL HUB FOR P4
ICS950208 ICST-ICS950208 Datasheet
133Kb / 19P
Programmable Timing Control Hub for P4
ICS950220 ICST-ICS950220 Datasheet
170Kb / 20P
Programmable Timing Control Hub??for P4?
logo
Integrated Device Techn...
ICS950910 IDT-ICS950910 Datasheet
218Kb / 21P
Programmable Timing Control Hub??for P4?
logo
Integrated Circuit Solu...
ICS950220AFLFT ICSI-ICS950220AFLFT Datasheet
238Kb / 20P
Programmable Timing Control Hub??for P4?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com