Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSR033FS0500Z Datasheet(PDF) 3 Page - Littelfuse

Part # PSR033FS0500Z
Description  PSR SERIES HIGH-SPEED SQUARE BODY FUSES
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PSR033FS0500Z Datasheet(HTML) 3 Page - Littelfuse

  PSR033FS0500Z Datasheet HTML 1Page - Littelfuse PSR033FS0500Z Datasheet HTML 2Page - Littelfuse PSR033FS0500Z Datasheet HTML 3Page - Littelfuse PSR033FS0500Z Datasheet HTML 4Page - Littelfuse PSR033FS0500Z Datasheet HTML 5Page - Littelfuse PSR033FS0500Z Datasheet HTML 6Page - Littelfuse PSR033FS0500Z Datasheet HTML 7Page - Littelfuse PSR033FS0500Z Datasheet HTML 8Page - Littelfuse PSR033FS0500Z Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
www.littelfuse.com
© 2018 Littelfuse POWR-GARD® Products
Rev: 041918
POWR-SPEED® Fuse Datasheet
3 of 28
PSR SERIES HIGH-SPEED SQUARE BODY FUSES
CASE
SIZE*
CATALOG NUMBER
AMPERAGE
RATING (A)
VOLTAGE
RATING (V)
INTERRUPTING
RATING
MELTING
(PRE-ARC)
I2T (A2s)
TOTAL
CLEARING
I2T (A2s)
AT RATED
VOLTAGE
WATT LOSS
AT 100%
RATED
CURRENT (W)
AGENCY
CERTIFICATION
FLUSH END
METRIC THREAD
FLUSH END
INCHES THREAD
AC
DC
AC
DC
cURus
CCC
IEC
UL
AC
DC
70
PSR070FL0050
PSR070FS0050
50
1250 1300 1000 100kA 150kA
177
2050
400
21
•
•
PSR070FL0063
PSR070FS0063
63
1250 1300 1000 100kA 150kA
273
3399
900
23
•
•
PSR070FL0080
PSR070FS0080
80
1250 1300 1000 100kA 150kA
583
6732
2200
24
•
•
PSR070FL0100
PSR070FS0100
100
1250 1300 1000 100kA 150kA
974
10996
3750
29
•
•
PSR070FL0125
PSR070FS0125
125
1250 1300 1000 100kA 150kA
1352
13011
5150
43
•
•
PSR070FL0160
PSR070FS0160
160
1250 1300 1000 100kA 150kA
2377
25662
8950
51
•
•
PSR070FL0200
PSR070FS0200
200
1250 1300 1000 100kA 150kA
4177
39087
17267
61
•
•
PSR070FL0250
PSR070FS0250
250
1250 1300 1000 100kA 150kA
8629
89790
36750
71
•
•
PSR070FL0280
PSR070FS0280
280
1250 1300 1000 100kA 150kA
11844
113201
46750
71
•
•
PSR070FL0315
PSR070FS0315
315
1250 1300 1000 100kA 150kA
18162
142051
66833
69
•
•
71
PSR071FL0160
PSR071FS0160
160
1250 1300 1000 100kA 150kA
2756
24600
8800
42
•
•
PSR071FL0200
PSR071FS0200
200
1250 1300 1000 100kA 150kA
4918
50307
19050
52
•
•
PSR071FL0250
PSR071FS0250
250
1250 1300 1000 100kA 150kA
10592
104427
43100
54
•
•
PSR071FL0280
PSR071FS0280
280
1250 1300 1000 100kA 150kA
13763
131897
54150
58
•
PSR071FL0315
PSR071FS0315
315
1250 1300 1000 100kA 150kA
20882
200244
67450
60
•
•
PSR071FL0350
PSR071FS0350
350
1250 1300 1000 100kA 150kA
23301
225500 102500
71
•
•
PSR071FL0400
PSR071FS0400
400
1250 1300 1000 100kA 150kA
43211
374986 185000
69
•
•
PSR071FL0450
PSR071FS0450
450
1250 1300 1000 100kA 150kA
55915
452394 241333
88
•
•
72
PSR072FL0250
PSR072FS0250
250
1250 1300 1000 100kA 150kA
7737
72789
28567
63
•
•
PSR072FL0280
PSR072FS0280
280
1250 1300 1000 100kA 150kA
10915
124538
46897
62
•
•
PSR072FL0315
PSR072FS0315
315
1250 1300 1000 100kA 150kA
16187
145140
58867
67
•
•
PSR072FL0350
PSR072FS0350
350
1250 1300 1000 100kA 150kA
18727
160447
69633
80
•
•
PSR072FL0400
PSR072FS0400
400
1250 1300 1000 100kA 150kA
27112
243540 108000
89
•
•
PSR072FL0450
PSR072FS0450
450
1250 1300 1000 100kA 150kA
35927
406413 159133
107
•
•
PSR072FL0500
PSR072FS0500
500
1250 1300 1000 100kA 150kA
50398
425375 216333
115
•
•
PSR072FL0550
PSR072FS0550
550
1250 1300 1000 100kA 150kA
73858
539833 271333
115
•
•
PSR072FL0630
PSR072FS0630
630
1250 1300 1000 100kA 150kA
126126
942180 436000
119
•
•
73
PSR073FL0315
PSR073FS0315
315
1250 1300 1000 100kA 150kA
10245
106600 38650
88
•
•
PSR073FL0350
PSR073FS0350
350
1250 1300 1000 100kA 150kA
13586
159627 57467
96
•
•
PSR073FL0400
PSR073FS0400
400
1250 1300 1000 100kA 150kA
19797
211273 86800
124
•
•
PSR073FL0450
PSR073FS0450
450
1250 1300 1000 100kA 150kA
29834
279073 114333
122
•
•
PSR073FL0500
PSR073FS0500
500
1250 1300 1000 100kA 150kA
42751
416437 184500
121
•
•
PSR073FL0550
PSR073FS0550
550
1250 1300 1000 100kA 150kA
55513
491713 224500
130
•
•
PSR073FL0630
PSR073FS0630
630
1250 1300 1000 100kA 150kA
94649
804338 377500
136
•
•
PSR073FL0700
PSR073FS0700
700
1250 1300 1000 100kA 150kA
158097
1170960 575667
135
•
•
Electrical Characteristics (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com