Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OL2385SWUG Datasheet(PDF) 53 Page - NXP Semiconductors

Part # OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 49Page - NXP Semiconductors OL2385SWUG Datasheet HTML 50Page - NXP Semiconductors OL2385SWUG Datasheet HTML 51Page - NXP Semiconductors OL2385SWUG Datasheet HTML 52Page - NXP Semiconductors OL2385SWUG Datasheet HTML 53Page - NXP Semiconductors OL2385SWUG Datasheet HTML 54Page - NXP Semiconductors OL2385SWUG Datasheet HTML 55Page - NXP Semiconductors OL2385SWUG Datasheet HTML 56Page - NXP Semiconductors OL2385SWUG Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
53 / 64
LBT Test Setup 1: All frames pass
Signal type: Square signal
Period: 5 s
Duty Cycle: 2 %
This means that the signal will be high (–80 dBm power level) during 4.9 s and low
0.1 s (total duration 5 s). When executing this test with the device, it should be able to
transmit all three frames without any problem. This is proof that if a window of more than
continuous 5 ms is found with less than –80 dBm power level, the channel is considered
as free and transmission should take place. Because we have 0.1 s or 100 ms duration
with low power signal, successful transmission should take place in all three frames as
shown below.
Figure 36. LBT test - All frames pass
LBT Test Setup 2: No frames pass
Signal type: Square signal
Period: 5 s
Duty Cycle: 0.1 %
This means that the signal will be high (–80 dBm power level) during 4.995 s and low
5 ms (total duration 5 s). When executing this test with the device, it should not be able
to transmit the three frames. This is a proof that if a window of exactly continuous 5 ms or
less is found with less than –80 dBm power level, the channel is still considered as NOT
free and transmission should not take place. Because there is a 5 ms duration with a low
power signal, successful transmission of all three frames should not take place.
Figure 37. LBT test - No frames pass
Test Setup 3: Frames 1 and 2 pass, but frame 3 does not pass
Signal type: Square signal
Period: 10 s
Duty Cycle: 0.1 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com