Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF7941ATJ Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF7941ATJ
Description  Security Transponder and RISC Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF7941ATJ Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF7941ATJ Datasheet HTML 8Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 9Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 10Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 11Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 12Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 13Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 14Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 15Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
NXP Semiconductors
Product Specification
Security Transponder and RISC Controller (STARC 2XLite)
PCF7x41ATJ
2013 Oct 15
12
Confidential
11 DEVICE CHARACTERISTICS
11.1 Electrical Characteristics
Tamb = -40 to +85°C, fSYS = 125kHz, TO = 1/fSYS. Unless otherwise specified
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Operating Conditions
CVFLD
Supply blocking capacitor
22
nF
L
Transponder coil inductance
4.8
mH
fRES
Resonance frequency
119
131
kHz
BW
Bandwidth
2.3
kHz
BTHR
Magnetic flux density,
Read direction
60
400
T
PP
BPRG
Magnetic
flux
density
for
EEPROM
programming
m = 0,95, TWRP = 8 TO
Note 1
60
400
T
PP
BAUT
Magnetic flux density for device authentication m = 0,95, TWRP = 8 TO
Note 1
60
400
T
PP
BREAD
LF field absorption in read direction, Note 1
BFIELD = 60 TPP
4.5
T
PP
MIPRG
Minimum modulation index (m)
Write direction (device programming and
authentication).
BFIELD = 60 TPP, TWRP = 8 TO
Note 1
95
%
Note
1. Modulation index (m) and LF Field absorption (BREAD) are defined according to Figure 7.
2. Parameters are measured with the Scemtech test equipment STM-1 in a Helmholtz arrangement according to section 12.
3. Typical temperature dependency of bandwidth BW shown in Figure 8.
Transponder
LF Field
BMIN
BMAX - BMIN
m =
BMAX + BMIN
BMAX
BREAD = BMAX - BMIN
Figure 7. Definition of modulation index (m) and LF field absorption (BREAD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com