Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSCMMX6DZCK08AB Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MSCMMX6DZCK08AB
Description  ARM Cortex-A9 MPCore 4xCPU processor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MSCMMX6DZCK08AB Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MSCMMX6DZCK08AB Datasheet HTML 9Page - NXP Semiconductors MSCMMX6DZCK08AB Datasheet HTML 10Page - NXP Semiconductors MSCMMX6DZCK08AB Datasheet HTML 11Page - NXP Semiconductors MSCMMX6DZCK08AB Datasheet HTML 12Page - NXP Semiconductors MSCMMX6DZCK08AB Datasheet HTML 13Page - NXP Semiconductors MSCMMX6DZCK08AB Datasheet HTML 14Page - NXP Semiconductors MSCMMX6DZCK08AB Datasheet HTML 15Page - NXP Semiconductors MSCMMX6DZCK08AB Datasheet HTML 16Page - NXP Semiconductors MSCMMX6DZCK08AB Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
SCM-i.MX 6Dual/6Quad Datasheet for Industrial Products, Data Sheet: Technical Data, Rev. 0, 01/2017
NXP Semiconductors
13
Registers
Default Configuration
Pre-programmed OTP
Configuration
Program code
(hex)
Intended Use
SW1C_VOLT
1.375
1.375V
00
VDDARM
SW1C_SEQ
1
2
02
SW1C CONFIG
Independent, 2.0 MHz
Independent, 2.0 MHz
00
SW2_VOLT
3.0V
3.15V
6F
VDDHIGH_IN
SW2_SEQ
2
1
01
SW2 CONFIG
Single Phase, 2.0 MHz
Single Phase, 2.0 MHz
01
SW3A_VOLT
1.5V
1.2V
20
DDR 1.2V
SW3A_SEQ
3
4
04
SW3A CONFIG
Single Phase, 2.0 MHz
Single Phase, 2.0 MHz
05
SW3B_VOLT
1.5V
1.2V
20
DDR 1.2V
SW3B_SEQ
3
4
04
SW3B CONFIG
Single Phase, 2.0 MHz
Single Phase, 2.0 MHz
01
SW4_VOLT
1.8V
1.8V
54
DDR 1.8V
SW4_SEQ
3
4
04
SW4_CONFIG
No VTT, 2.0MHz
No VTT, 2.0 MHz
01
SWBST_VOLT
-
-
00
Customer
SWBST_SEQ
-
4
04
VSNVS_VOLT
3.0V
3.0V
06
VDD_SNVS_IN
VREFDDR_SEQ
3
4
04
VGEN1_VOLT
-
-
00
Customer
VGEN1_SEQ
-
-
00
VGEN2_VOLT
1.5V
-
00
Customer
VGEN2_SEQ
2
-
00
VGEN3_VOLT
-
-
00
Customer
VGEN3_SEQ
-
-
00
VGEN4_VOLT
1.8V
-
00
Customer
VGEN4_SEQ
3
-
00
VGEN5_VOLT
2.5V
-
00
Customer
VGEN5_SEQ
3
-
00
VGEN6_VOLT
2.8V
-
00
Customer
VGEN6_SEQ
3
-
00
PU CONFIG1,
SEQ_CLK_SPEED
1.0ms
1.0ms
01
PU CONFIG2,
SWDVS_CLK
6.25 mV/us
12.5mV/us
00
PU CONFIG3,
PWRON
Level sensitive
Level sensitive
00
PG EN
RESETBMCU in
Default Mode
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com