Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6668 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6668
Description  SMART PRIMARY CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6668 Datasheet(HTML) 4 Page - STMicroelectronics

  L6668 Datasheet HTML 1Page - STMicroelectronics L6668 Datasheet HTML 2Page - STMicroelectronics L6668 Datasheet HTML 3Page - STMicroelectronics L6668 Datasheet HTML 4Page - STMicroelectronics L6668 Datasheet HTML 5Page - STMicroelectronics L6668 Datasheet HTML 6Page - STMicroelectronics L6668 Datasheet HTML 7Page - STMicroelectronics L6668 Datasheet HTML 8Page - STMicroelectronics L6668 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
L6668
4/23
13
STBY
Standby function. This pin is a high-impedance one as long as the voltage on pin COMP is
higher than 3V. When the voltage on pin COMP falls below 3V, the voltage on the pin tracks
that on pin COMP and is capable of sinking current. A resistor connected from the pin to the
oscillator allows programming frequency foldback at light load.
14
PFC_STOP
Open-drain ON/OFF control of PFC controller. This pin is intended for driving the base of a
PNP transistor in systems comprising a PFC pre-regulator, to stop the PFC controller at
light load by cutting its supply. The pin, normally low, opens if the voltage on COMP is lower
than 2.2V and goes back low when the voltage on pin COMP exceeds 2.7V. Whenever the
IC is shutdown, either latched (DIS>1.5V, ISEN >1.5V) or not (UVLO, SKIPADJ<0.8), the
pin is open as well.
15
S-COMP
Voltage ramp for slope compensation. When the gate-drive output is high the pin delivers a
voltage tracking the oscillator ramp (shifted down by one VBE); when the gate-drive output
is low the voltage delivered is zero. The pin is to be connected to pin ISEN via a resistor to
make slope compensation and allow stable operation at duty cycles close to and greater
than 50%.
16
RCT
Oscillator pin. A resistor to VREF and a capacitor to GND define the oscillator frequency (at
full load). A resistor connect to STBY modifies the oscillator frequency when the voltage on
pin COMP is lower than 3V.
Table 5. Electrical Characteristcs
(Tj = 0 to 105°C, Vcc=15V, Co=1nF; RT =13.3k , CT =1nF; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY VOLTAGE
Vcc
Operating range
After turn-on
9.4
22
V
VCCOn
Turn-on threshold
(1)
12.5
13.5
14.5
V
VCCOff
Turn-off threshold
(1) After turn-on
8.0
8.7
9.4
V
Hys
Hysteresis
4.0
V
VZ
Zener Voltage
Icc = 20 mA
22
24
28
V
SUPPLY CURRENT
Istart-up
Start-up Current
Before turn-on,
Vcc=VccON-0.5
150
µA
Iq
Quiescent Current
After turn-on
2
2.5
mA
ICC
Operating Supply Current
4
mA
Iqdis
Shutdown quiescent
current
VDIS > 2.2, or VISEN > 1.5
180
µA
VSKIPADJ<0.8
1
1.8
mA
0.8 <VCOMP < VSKIPADJ
1.3
mA
HIGH-VOLTAGE START-UP GENERATOR
VHV
Breakdown voltage
IHV < 100 µA
700
V
VHVstart
Start voltage
IVcc < 100 µA
50
80
110
V
Icharge
Vcc charge current
VHV > VHvstart, Vcc > 3V
0.55
0.85
1
mA
IHV, ON
ON-state current
VHV > VHvstart, Vcc > 3V
1.6
mA
VHV > VHvstart, Vcc = 0
0.8
IHV, OFF
Leakage current (OFF state)
VHV = 400 V
40
µA
VCCrestart
HV generator restart voltage
4.4
5
5.6
V
(1) After DIS tripping
12
13
14
V
Table 4. Pin Description (continued)
Pin
Number
Pin Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com