Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29W160DB Datasheet(PDF) 32 Page - STMicroelectronics

Part # M29W160DB
Description  16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W160DB Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M29W160DB Datasheet HTML 28Page - STMicroelectronics M29W160DB Datasheet HTML 29Page - STMicroelectronics M29W160DB Datasheet HTML 30Page - STMicroelectronics M29W160DB Datasheet HTML 31Page - STMicroelectronics M29W160DB Datasheet HTML 32Page - STMicroelectronics M29W160DB Datasheet HTML 33Page - STMicroelectronics M29W160DB Datasheet HTML 34Page - STMicroelectronics M29W160DB Datasheet HTML 35Page - STMicroelectronics M29W160DB Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
M29W160DT, M29W160DB
32/42
APPENDIX A. BLOCK ADDRESS TABLE
Table 20. Top Boot Block Addresses,
M29W160DT
Table 21. Bottom Boot Block Addresses,
M29W160DB
#
Size
(Kbytes)
Address Range
(x8)
Address Range
(x16)
34
16
1FC000h-1FFFFFh
FE000h-FFFFF h
33
8
1FA000h-1FBFFFh
FD000h-FDFFFh
32
8
1F8000h-1F9FFFh
FC000h-FCFFFh
31
32
1F0000h-1F7FFFh
F8000h-FBFFFh
30
64
1E0000h-1EFFFFh
F0000h-F7FFFh
29
64
1D0000h-1DFFFFh
E8000h-EFFFF h
28
64
1C0000h-1CFFFFh
E0000h-E7FFFh
27
64
1B0000h-1BFFFFh
D8000h-DFFFFh
26
64
1A0000h-1AFFFFh
D0000h-D7FFFh
25
64
190000h-19FFFFh
C8000h-CFFFFh
24
64
180000h-18FFFFh
C0000h-C7FFFh
23
64
170000h-17FFFFh
B8000h-BFFFF h
22
64
160000h-16FFFFh
B0000h-B7FFFh
21
64
150000h-15FFFFh
A8000h-AFFFF h
20
64
140000h-14FFFFh
A0000h-A7FFFh
19
64
130000h-13FFFFh
98000h-9FFFFh
18
64
120000h-12FFFFh
90000h-97FFFh
17
64
110000h-11FFFFh
88000h-8FFFFh
16
64
100000h-10FFFFh
80000h-87FFFh
15
64
0F0000h-0FFFFFh
78000h-7FFFFh
14
64
0E0000h-0EFFFFh
70000h-77FFFh
13
64
0D0000h-0DFFFFh
68000h-6FFFFh
12
64
0C0000h-0CFFFFh
60000h-67FFFh
11
64
0B0000h-0BFFFFh
58000h-5FFFFh
10
64
0A0000h-0AFFFFh
50000h-57FFFh
9
64
090000h-09FFFFh
48000h-4FFFFh
8
64
080000h-08FFFFh
40000h-47FFFh
7
64
070000h-07FFFFh
38000h-3FFFFh
6
64
060000h-06FFFFh
30000h-37FFFh
5
64
050000h-05FFFFh
28000h-2FFFFh
4
64
040000h-04FFFFh
20000h-27FFFh
3
64
030000h-03FFFFh
18000h-1FFFFh
2
64
020000h-02FFFFh
10000h-17FFFh
1
64
010000h-01FFFFh
08000h-0FFFFh
0
64
000000h-00FFFFh
00000h-07FFFh
#
Size
(Kbytes)
Address Range
(x8)
Address Range
(x16)
34
64
1F0000h-1FFFFFh
F8000h-FFFFFh
33
64
1E0000h-1EFFFFh
F0000h-F7FFFh
32
64
1D0000h-1DFFFFh
E8000h-EFFFFh
31
64
1C0000h-1CFFFFh
E0000h-E7FFFh
30
64
1B0000h-1BFFFFh
D8000h-DFFFF h
29
64
1A0000h-1AFFFFh
D0000h-D7FFFh
28
64
190000h-19FFFFh
C8000h-CFFFF h
27
64
180000h-18FFFFh
C0000h-C7FFFh
26
64
170000h-17FFFFh
B8000h-BFFFFh
25
64
160000h-16FFFFh
B0000h-B7FFFh
24
64
150000h-15FFFFh
A8000h-AFFFFh
23
64
140000h-14FFFFh
A0000h-A7FFFh
22
64
130000h-13FFFFh
98000h-9FFFF h
21
64
120000h-12FFFFh
90000h-97FFFh
20
64
110000h-11FFFFh
88000h-8FFFF h
19
64
100000h-10FFFFh
80000h-87FFFh
18
64
0F0000h-0FFFFFh
78000h-7FFFF h
17
64
0E0000h-0EFFFFh
70000h-77FFFh
16
64
0D0000h-0DFFFFh
68000h-6FFFF h
15
64
0C0000h-0CFFFFh
60000h-67FFFh
14
64
0B0000h-0BFFFFh
58000h-5FFFF h
13
64
0A0000h-0AFFFFh
50000h-57FFFh
12
64
090000h-09FFFFh
48000h-4FFFF h
11
64
080000h-08FFFFh
40000h-47FFFh
10
64
070000h-07FFFFh
38000h-3FFFF h
9
64
060000h-06FFFFh
30000h-37FFFh
8
64
050000h-05FFFFh
28000h-2FFFF h
7
64
040000h-04FFFFh
20000h-27FFFh
6
64
030000h-03FFFFh
18000h-1FFFF h
5
64
020000h-02FFFFh
10000h-17FFFh
4
64
010000h-01FFFFh
08000h-0FFFF h
3
32
008000h-00FFFFh
04000h-07FFFh
2
8
006000h-007FFFh
03000h-03FFFh
1
8
004000h-005FFFh
02000h-02FFFh
0
16
000000h-003FFFh
00000h-01FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com