Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29W160DT Datasheet(PDF) 39 Page - STMicroelectronics

Part # M29W160DT
Description  16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W160DT Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M29W160DT Datasheet HTML 34Page - STMicroelectronics M29W160DT Datasheet HTML 35Page - STMicroelectronics M29W160DT Datasheet HTML 36Page - STMicroelectronics M29W160DT Datasheet HTML 37Page - STMicroelectronics M29W160DT Datasheet HTML 38Page - STMicroelectronics M29W160DT Datasheet HTML 39Page - STMicroelectronics M29W160DT Datasheet HTML 40Page - STMicroelectronics M29W160DT Datasheet HTML 41Page - STMicroelectronics M29W160DT Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
39/42
M29W160DT, M29W160DB
Figure 20. Programmer Equipment Chip Unprotect Flowchart
PROTECT ALL BLOCKS
AI03470
A6, A12, A15 = VIH(1)
E, G, A9 = VID
DATA
W= VIH
E, G = VIH
ADDRESS = CURRENT BLOCK ADDRESS
A0 = VIL, A1, A6 = VIH
Wait 10ms
=
00h
INCREMENT
CURRENT BLOCK
n= 0
CURRENT BLOCK = 0
Wait 4
µs
W= VIL
++n
= 1000
START
YES
YES
NO
NO
LAST
BLOCK
YES
NO
E= VIL
Wait 4
µs
G= VIL
Wait 60ns
Read DATA
FAIL
PASS
A9 = VIH
E, G = VIH
A9 = VIH
E, G = VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com