Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41T62 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M41T62
Description  Serial Access Real-Time Clock with Alarms
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62 Datasheet(HTML) 4 Page - STMicroelectronics

  M41T62 Datasheet HTML 1Page - STMicroelectronics M41T62 Datasheet HTML 2Page - STMicroelectronics M41T62 Datasheet HTML 3Page - STMicroelectronics M41T62 Datasheet HTML 4Page - STMicroelectronics M41T62 Datasheet HTML 5Page - STMicroelectronics M41T62 Datasheet HTML 6Page - STMicroelectronics M41T62 Datasheet HTML 7Page - STMicroelectronics M41T62 Datasheet HTML 8Page - STMicroelectronics M41T62 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
M41T62/63/64/65
4/33
SUMMARY DESCRIPTION
The M41T6x Serial Access TIMEKEEPER® is a
low power Serial RTC with a built-in 32.768 kHz
oscillator (external crystal controlled). Eight regis-
ters (see Table 3., page 14) are used for the clock/
calendar function and are configured in binary
coded decimal (BCD) format. An additional 8 reg-
isters provide status/control of Alarm, 32KHz out-
put,
Calibration,
and
Watchdog
functions.
Addresses and data are transferred serially via a
two line, bi-directional I2C interface. The built-in
address register is incremented automatically af-
ter each WRITE or READ data byte.
Functions available to the user include a time-of-
day clock/calendar, Alarm interrupts (M41T62/65),
32KHz output (M41T64), programmable Square
Wave output (M41T62/63/64), and Watchdog out-
put (M41T63/65). The eight clock address loca-
tions contain the century, year, month, date, day,
hour, minute, second and tenths/hundredths of a
second in 24 hour BCD format. Corrections for 28-
, 29- (leap year), 30- and 31-day months are made
automatically.
The M41T6x is supplied in a 16-pin QFN.
Figure 3. M41T62 Logic Diagram
Note: 1. Open Drain.
2. Defaults to 32KHz on power-up.
Figure 4. M41T64 Logic Diagram
Note: 1. Open Drain.
2. Defaults to 32KHz on power-up.
Figure 5. M41T63 Logic Diagram
Note: 1. Open Drain.
2. Defaults to 32KHz on power-up.
Figure 6. M41T65 Logic Diagram
Note: 1. Open Drain.
SCL
VCC
M41T62
VSS
SDA
IRQ/OUT
(1)
SQW
(2)
XI
XO
AI09103
SCL
VCC
M41T64
VSS
SDA
F32K
(2)
SQW
(1)
XI
XO
AI09108
SCL
VCC
M41T63
VSS
SDA
WDO
(1)
SQW
(2)
XI
XO
AI09189
SCL
VCC
M41T65
VSS
SDA
WDO
(1)
IRQ/FT/OUT
(1)
XI
XO
AI09109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com