Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M69AR048B Datasheet(PDF) 4 Page - STMicroelectronics

Part # M69AR048B
Description  32 Mbit (2Mb x16) 1.8V Asynchronous PSRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AR048B Datasheet(HTML) 4 Page - STMicroelectronics

  M69AR048B Datasheet HTML 1Page - STMicroelectronics M69AR048B Datasheet HTML 2Page - STMicroelectronics M69AR048B Datasheet HTML 3Page - STMicroelectronics M69AR048B Datasheet HTML 4Page - STMicroelectronics M69AR048B Datasheet HTML 5Page - STMicroelectronics M69AR048B Datasheet HTML 6Page - STMicroelectronics M69AR048B Datasheet HTML 7Page - STMicroelectronics M69AR048B Datasheet HTML 8Page - STMicroelectronics M69AR048B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
M69AR048B
4/29
SUMMARY DESCRIPTION
The M69AR048B is a 32 Mbit (33,554,432 bit)
CMOS memory, organized as 2,097,152 words by
16 bits, and is supplied by a single 1.65V to 1.95V
supply voltage range.
M69AR048B is a member of STMicroelectronics
1T/1C (one transistor per cell) memory family.
These devices are manufactured using dynamic
random access memory cells, to minimize the cell
size, and maximize the amount of memory that
can be implemented in a given area.
However, through the use of internal control logic,
the device is fully static in its operation, requiring
no external clocks or timing strobes, and has a
standard Asynchronous SRAM Interface.
The internal control logic of the M69AR048B han-
dles the periodic refresh cycle, automatically, and
without user involvement.
Write cycles can be performed on a single Byte by
using Upper Byte Enable (UB) and Lower Byte En-
able (LB).
The device can be put into standby mode using
Chip Enable (E1) or in Power-Down mode by us-
ing Chip Enable (E2).
The device features several Power-Down modes,
making of power saving a user configurable op-
tion:
■
Partial Power-Down (4 Mbits, 8 Mbits or 16
Mbits) performs a limited refresh of the part of
the PSRAM array that contains essential data.
■
Deep Power-Down achieves a very low
current consumption by halting all the internal
activities. Since the refresh circuitry is halted,
the duration of the power-down should be less
than the maximum period for refresh.
Figure 2. Logic Diagram
Table 1. Signal Names
AI08154
21
A0-A20
W
DQ0-DQ15
VCC
M69AR048B
G
16
E1
UB
LB
VSS
E2
A0-A20
Address Input
DQ0-DQ15
Data Input/Output
E1, E2
Chip Enable, Power-Down
G
Output Enable
W
Write Enable
UB
Upper Byte Enable
LB
Lower Byte Enable
VCC
Supply Voltage
VSS
Ground
NC
Not Connected
(no internal connection)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com