Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BF4-RX-14DS-0.5V Datasheet(PDF) 5 Page - Hirose Electric

Part # BF4-RX-14DS-0.5V
Description  Active Optical Connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

BF4-RX-14DS-0.5V Datasheet(HTML) 5 Page - Hirose Electric

  BF4-RX-14DS-0.5V Datasheet HTML 1Page - Hirose Electric BF4-RX-14DS-0.5V Datasheet HTML 2Page - Hirose Electric BF4-RX-14DS-0.5V Datasheet HTML 3Page - Hirose Electric BF4-RX-14DS-0.5V Datasheet HTML 4Page - Hirose Electric BF4-RX-14DS-0.5V Datasheet HTML 5Page - Hirose Electric BF4-RX-14DS-0.5V Datasheet HTML 6Page - Hirose Electric BF4-RX-14DS-0.5V Datasheet HTML 7Page - Hirose Electric BF4-RX-14DS-0.5V Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BF4M Series●Active Optical Connector
5
Product Appearance and HRS No.
Plug harness
L
(
6)
(
6)
9.82
9.82
Identification mark
for TX side
Identification mark
for RX side
BF4MC harness
Part No.
HRS No.
Fiber
Cable length L
BF4MC-6GTXRX-B1-45MM
831-1102-0 04
Ø0.5 Red
45 mm
BF4MC-6GTXRX-B1-50MM
831-1102-0 05
50 mm
BF4MC-6GTXRX-B1-55MM
831-1102-0 06
55 mm
BF4MC-6GTXRX-B1-60MM
831-1102-0 07
60 mm
BF4MC-6GTXRX-B1-65MM
831-1102-0 08
65 mm
BF4MC-6GTXRX-B1-70MM
831-1102-0 09
70 mm
BF4MC-6GTXRX-B1-75MM
831-1102-0 00
75 mm
BF4MC-6GTXRX-B1-80MM
831-1102-0 11
80 mm
BF4MC-6GTXRX-B1-85MM
831-1102-0 12
85 mm
BF4MC-6GTXRX-B1-90MM
831-1102-0 13
90 mm
BF4MC-6GTXRX-B1-95MM
831-1102-0 14
95 mm
BF4MC-6GTXRX-B1-100MM
831-1102-0 15
100 mm
BF4MC-6GTXRX-B1-1M
831-1109-9 00
1 m
BF4MC-6GTXRX-B1-2M
831-1109-9 01
2 m
BF4MC-6GTXRX-B1-3M
831-1109-9 02
3 m
BF4MC-6GTXRX-B1-4M
831-1109-9 03
4 m
BF4MC-6GTXRX-B1-5M
831-1109-9 04
5 m
Length (L) of the harness
· The shortest harness length is 45mm, and the harness up to 100mm in length is available in 5mm increments.
(45mm, 50mm, 55mm …, 100mm)
· Harness longer than those listed above is also available upon request. Please inform us of your desired harness length.
· Blue Fiber color is also available. Contact your sales representative for details.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com