Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GT5-30/F3.3-5PCF Datasheet(PDF) 21 Page - Hirose Electric

Part # GT5-30/F3.3-5PCF
Description  USCAR specified connector as SAE/USCAR-19
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT5-30/F3.3-5PCF Datasheet(HTML) 21 Page - Hirose Electric

Back Button GT5-30/F3.3-5PCF Datasheet HTML 14Page - Hirose Electric GT5-30/F3.3-5PCF Datasheet HTML 15Page - Hirose Electric GT5-30/F3.3-5PCF Datasheet HTML 16Page - Hirose Electric GT5-30/F3.3-5PCF Datasheet HTML 17Page - Hirose Electric GT5-30/F3.3-5PCF Datasheet HTML 18Page - Hirose Electric GT5-30/F3.3-5PCF Datasheet HTML 19Page - Hirose Electric GT5-30/F3.3-5PCF Datasheet HTML 20Page - Hirose Electric GT5-30/F3.3-5PCF Datasheet HTML 21Page - Hirose Electric GT5-30/F3.3-5PCF Datasheet HTML 22Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
27
GT5 Series ● For Antenna
Automatic crimping machine
* Crimp height setting tables are available for each cable type. Please contact your
nearest Hirose Electric account representative.
Different cables will require different crimp height settings.
B Crimping tools
User's manuals are available. Please ask your Hirose Electric account representative.
9.8
4.5
T=1
1.1
12
8
Panel Mounting In-line Bracket
Item
Press capacity
Stroke length
Number of strokes
Weight
Motor
Crimping speed
Specification
1.5tons
30mm
200spm(50Hz)
75kg
0.2kW
2000 to 4000pcs/hour
Remarks
200spm(60Hz)
AC100V
Specifications
Picture reference only
Part No. CM-105C
Part No.
HRS No.
Material
Plating
Used with connectors
Packaging RoHS
GT-BK(70)
751-0039-6 70
SPCC
Tin plating
GT5-1PP-HU(70)
,
GT5-1PP-HU(A)(70)
, GT5-1PP-HU(B)(70)
GT5-1PP-HU(C)(70)
, GT5-1PP-HU(D)(70)
GT5-1PP-HU(E)(70)
, GT5-1PP-HU(F)(70)
GT5-1PP-HU(G)(70)
, GT5-1PP-HU(H)(70)
GT5-2/1PP-HU(70)
, GT5-2PP-HU(70)
GT5-2PP-HU(A)(70)
, GT5-2PP-HU(B)(70)
GT5-2PP-HU(C)(70)
1YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com