Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT802/DF63W-1618S-1 Datasheet(PDF) 1 Page - Hirose Electric

Part # HT802/DF63W-1618S-1
Description  3.96mm pitch compact waterproof connectors for internal power supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT802/DF63W-1618S-1 Datasheet(HTML) 1 Page - Hirose Electric

  HT802/DF63W-1618S-1 Datasheet HTML 1Page - Hirose Electric HT802/DF63W-1618S-1 Datasheet HTML 2Page - Hirose Electric HT802/DF63W-1618S-1 Datasheet HTML 3Page - Hirose Electric HT802/DF63W-1618S-1 Datasheet HTML 4Page - Hirose Electric HT802/DF63W-1618S-1 Datasheet HTML 5Page - Hirose Electric HT802/DF63W-1618S-1 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
■Features
1. Max current of 14A
This compact connector is rated up to 14A in the
2 positions version, using 16 AWG wire.
2. Compact shape designed for wiring
through narrow areas
The design is optimized for wiring inside conduits and
small structures, with a smooth, rounded contour that
reduces the chance of snagging or catching inside the
conduit or other objects.
A plastic housing covers the connector, so no metal is
exposed to the conduit, preventing accidental shorting.
(Fig.1)
3. IP67 Rated
IP67 water resistant when mated. (Fig.2)
4. Simplified wire insertion
Wire and housing seals are pre-installed to provide
water proofing. A simple inser tion of the crimped
contact into the housing completes the assembly.
Contacts and housing are designed to prevent
damaging the seals when inserting the contacts.
5. Positive lock structure
A robust locking structure provides a tactile click when
mating to prevent incomplete mating and disconnection
during wiring.
6. Compatible with a wide variety of cables
Two versions are available with different waterproof
wire seal diameters. This variation helps to support the
use of a wide array of cable sizes.
7. Mis-mating prevention with color and
guide key options
Two housings are available each with different colors and
guide keys. This helps to prevent incorrect mating when
multiple connectors are used on the same design with the
same pin count.
2018.3
③
DF63W Series
3.96mm pitch compact waterproof connectors for internal
power supplies
The slim, smooth, rounded shape is
optimized for wiring inside conduits
and small spaces.
IP67 Waterproof
Compatible with a wide variety of
cables
Smooth, round
external shape
Metal parts are
completely covered
IP67 waterproof when mated
<DF63W>
<DF63WA>
Wire seal
Wire seal
Housing seal
Recommended
insulation outer
diameter
Ø2.8 to 3.2
Recommended
insulation outer
diameter
Ø1.7 to 2.4
Fig.1
Fig.2
Fig.3
In cases where the application will demand a high level of reliability, such as automotive,
please contact a company representative for further information.


Similar Part No. - HT802/DF63W-1618S-1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HT802/DF63-1618P-1 HIROSE-HT802/DF63-1618P-1 Datasheet
829Kb / 8P
15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
HT802/DF63-1618P-2 HIROSE-HT802/DF63-1618P-2 Datasheet
829Kb / 8P
15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
HT802/DF63-1618S-1 HIROSE-HT802/DF63-1618S-1 Datasheet
829Kb / 8P
15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
HT802/DF63-1618S-2 HIROSE-HT802/DF63-1618S-2 Datasheet
829Kb / 8P
15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
HT802/DF63-2022P-1 HIROSE-HT802/DF63-2022P-1 Datasheet
829Kb / 8P
15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
More results

Similar Description - HT802/DF63W-1618S-1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF7-1P-3.96DSA HIROSE-DF7-1P-3.96DSA Datasheet
666Kb / 16P
3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
logo
Cynergy3 Co
RSF40 CYNERGY3-RSF40 Datasheet
369Kb / 1P
compact internal fitting
logo
Hirose Electric
DF33R-2S-3.3C HIROSE-DF33R-2S-3.3C Datasheet
341Kb / 8P
3.3 mm Contact Pitch, Connectors for Internal Power Supplies
DF22-1S-7.92C HIROSE-DF22-1S-7.92C_1 Datasheet
463Kb / 16P
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22L-5S-7.92C28 HIROSE-DF22L-5S-7.92C28 Datasheet
413Kb / 16P
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
logo
Japan Aviation Electron...
JN5 JAE-JN5 Datasheet
163Kb / 3P
Compact Waterproof Connectors
MX47 JAE-MX47 Datasheet
284Kb / 5P
Compact Waterproof Automotive Connectors
logo
Hirose Electric
DF33C HIROSE-DF33C Datasheet
375Kb / 8P
3.3mm Pitch Small Size Connectors for Internal Power Source
DF63 HIROSE-DF63 Datasheet
829Kb / 8P
15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
DF7 HIROSE-DF7 Datasheet
542Kb / 15P
3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com