Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

REF3425 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # REF3425
Description  Low-Drift, Low-Power, Small-Footprint Series Voltage References
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3425 Datasheet(HTML) 20 Page - Texas Instruments

Back Button REF3425 Datasheet HTML 16Page - Texas Instruments REF3425 Datasheet HTML 17Page - Texas Instruments REF3425 Datasheet HTML 18Page - Texas Instruments REF3425 Datasheet HTML 19Page - Texas Instruments REF3425 Datasheet HTML 20Page - Texas Instruments REF3425 Datasheet HTML 21Page - Texas Instruments REF3425 Datasheet HTML 22Page - Texas Instruments REF3425 Datasheet HTML 23Page - Texas Instruments REF3425 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
2
2
2
2
2
VREF Total
Error
Accuracy
TempCo
TempHyst
LongTerm Drift
1/ f Noise
REF3425-Q1
OUT
2.5V VREF
IN
GND
ADS7828-Q1
AIN0
AIN1
VREF+
VREF-
VDD
3V VDD
AIN2
AIN3
TDA2 (MCU)
I2C
3.3V VDD
I2C
GPIOx
VDD
Copyright © 2017, Texas Instruments Incorporated
EN
GPIO0
20
REF3425-Q1, REF3430-Q1, REF3433-Q1, REF3440-Q1, REF3450-Q1
SBAS901 – JULY 2018
www.ti.com
Product Folder Links: REF3425-Q1 REF3430-Q1 REF3433-Q1 REF3440-Q1 REF3450-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
10.2.2 Advanced Driver Assistance Systems (ADAS) Microcontroller Connection
10.2.2.1 Basic Voltage Reference Connection
The circuit shown in Figure 31 shows the basic configuration for the REF34xx-Q1 references.
Figure 31. ADAS Microcontroller Application
10.2.2.2 Design Requirements
In ADAS applications it is common to use an ADC with a MCU to monitor the voltage rails to the
MCU/DSP/FPGAs. In figure Figure 31 the automotive TI Jacinto™ TDA2 MCU is using a ADS7828-Q1 to
monitor several analog input signals and in ADAS these signals will be the system power rails. It is important to
monitor these power rails because tighter rail requirements allow for further system monitoring and optimization.
The REF3425-Q1 is used in this application to provide the precise voltage reference signal. In these systems it is
not typical to have calibration and such the most precise low power voltage reference is necessary to be able to
measure down to 1% accuracy on key power rails.
For this design example, use the parameters listed in Table 3 as the input parameters and desired output
parameters.
Table 3. Typical Core Voltage Rail Monitoring
Specification
Requirement
Input Voltage VIN
3V
Output Voltage
2.5V
Voltage Power Rail
1V
Max Error on Voltage Power Rail
1%
Temperature Range
-40C to 125C
10.2.2.3 Detailed Design Procedure
It is important to keep track of the error margin in this system to make sure that the total error of the voltage
reference and ADC are less than the maximum 1% error allowed. To calculate the total RSS error of a voltage
reference use Equation 5.
(5)
With the RSS error of the voltage reference, the ADC error needs also needs to be calculated using the RSS
method as seen in Equation 6. Equation 7 can then be used to sum both errors. It is important to make sure that
only the applicable voltage reference error in relation to the measured signal is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com