Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FCS-1153 Datasheet(PDF) 3 Page - Level One

Part # FCS-1153
Description  Varifocal IP Network Camera, 5-Megapixel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FCS-1153 Datasheet(HTML) 3 Page - Level One

  FCS-1153_18 Datasheet HTML 1Page - Level One FCS-1153_18 Datasheet HTML 2Page - Level One FCS-1153_18 Datasheet HTML 3Page - Level One FCS-1153_18 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
General:
Backup: MicroSDHC /MicroSDXC card slot for local storage
Video:
Image Setting: - Adjustable image size, quality and bit rate
- Configurable brightness, sharpness, contrast, saturation, white balance and exposure
- AGC/AWB/AES
- Back Light Compensation (BLC)
- 2D Noise Reduction (2DNR)
Streaming: Up to 2 video streams
Performance
Frame Rate (fps):
15fps at 2592 x 1944; 15 fps at 2048x1536; 30 fps at 1920 x 1080; 30 fps at 1280 x 720; 30 fps at 640 x
480; 15 fps at 320 x 240
Minimum illumination:
Color: 0.1 lux
B/W: 0.05 lux at F2.0
Environment
Operating Temperature (°C):
Operating: -10°C ~ 50°C
Operating Humidity (Non-condensing):
Operating: 10% ~ 85%
Installation:
Wall Mount
Physical Specifications
Dimensions (W x D x H mm):
67 x 169 x 67 mm
Weight (g):
438 g
Approval and Compliance
EMI/EMS:
CE, RoHS, FCC, ONVIF
Others
Supported Browsers:
Microsoft Windows 8/7/Vista/XP
www.level1.com
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com