Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FCS-3053 Datasheet(PDF) 1 Page - Level One

Part # FCS-3053
Description  Fixed Dome IP Network Camera
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FCS-3053 Datasheet(HTML) 1 Page - Level One

  FCS-3053_18 Datasheet HTML 1Page - Level One FCS-3053_18 Datasheet HTML 2Page - Level One FCS-3053_18 Datasheet HTML 3Page - Level One FCS-3053_18 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FCS-3053 Version: 1
Power supply unit is to be ordered separately.
Fixed Dome IP Network Camera, 3-Megapixel,
802.3af PoE, IR LEDs
Key Features
- 3-Megapixel high-definition resolution
- Built-in infrared LEDs for night viewing up to 20m
- Video compression: H.264, MJPEG
- Removable IR-cut filter for day and night surveillance
- Power support: PoE (IEEE 802.3af)
- Free surveillance and CMS (Central Management System) software packages with 64-channel license
Specifications
System Specifications
Standards & Protocols:
IEEE 802.3 10-BASE-T, Ethernet
IEEE 802.3u 100-BASE-TX, Fast Ethernet
IEEE 802.3af Power over Ethernet (PoE)
IEEE 802.1X Network Access Control
TCP, UDP, HTTP, HTTPS, DHCP, PPPoE, RTP, RTSP, IPv6, DNS, DDNS, NTP, ICMP, ARP, IGMP,
SMTP, FTP, UPnP, SNMP, Bonjour
www.level1.com
Page 1 of 4


Similar Part No. - FCS-3053_18

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-3053 LVL1-FCS-3053 Datasheet
683Kb / 4P
Fixed Dome Network Camera
More results

Similar Description - FCS-3053_18

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-3054 LVL1-FCS-3054_18 Datasheet
462Kb / 4P
Fixed Dome IP Network Camera
FCS-3084 LVL1-FCS-3084 Datasheet
473Kb / 5P
Fixed Dome IP Network Camera
FCS-3073 LVL1-FCS-3073_18 Datasheet
362Kb / 4P
Fixed Dome IP Network Camera
FCS-3065 LVL1-FCS-3065_18 Datasheet
492Kb / 4P
Fixed Dome IP Network Camera,
FCS-3063 LVL1-FCS-3063_18 Datasheet
723Kb / 5P
Fixed Dome IP Network Camera
FCS-3086 LVL1-FCS-3086 Datasheet
689Kb / 5P
Fixed Dome IP Network Camera
FCS-3096 LVL1-FCS-3096 Datasheet
486Kb / 4P
Fixed Dome IP Network Camera
FCS-3101 LVL1-FCS-3101_18 Datasheet
472Kb / 4P
Fixed Dome IP Network Camera
FCS-3306 LVL1-FCS-3306 Datasheet
270Kb / 3P
Fixed Dome IP Network Camera
FCS-3307 LVL1-FCS-3307 Datasheet
44Kb / 4P
Fixed Dome IP Network Camera
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com