Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPKB2SA100U40 Datasheet(PDF) 4 Page - MagnaChip Semiconductor.

Part # MPKB2SA100U40
Description  400V FRD Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MPKB2SA100U40 Datasheet(HTML) 4 Page - MagnaChip Semiconductor.

  MPKB2SA100U40 Datasheet HTML 1Page - MagnaChip Semiconductor. MPKB2SA100U40 Datasheet HTML 2Page - MagnaChip Semiconductor. MPKB2SA100U40 Datasheet HTML 3Page - MagnaChip Semiconductor. MPKB2SA100U40 Datasheet HTML 4Page - MagnaChip Semiconductor. MPKB2SA100U40 Datasheet HTML 5Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Mar. 2013 .Version 2.0
MagnaChip Semiconductor Ltd.
4
Package Dimension
5DM-1
Dimensions are in millimeters, unless otherwise specified
TBD
TBD
MA
X
23.
5
15.
0±0
.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com