Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6CVF857 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6CVF857
Description  1:10 PLL Clock Driver for 2.5V DDR-SDRAM Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CVF857 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6CVF857 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CVF857 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CVF857 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CVF857 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CVF857 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CVF857 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CVF857 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CVF857 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CVF857 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
PS8683B
10/17/03
ProductDescription
PI6CVF857PLLclockdeviceisdevelopedforregisteredDDRDIMM
applications. The device is a zero-delay buffer that distributes a
differential clock input pair (CLK, CLK) to ten differential pairs of
clockoutputs(Y[0:9],Y[0:9]),andonedifferentialpairfeedbackclock
outputs (FBOUT,FBOUT) . The clock outputs are controlled by the
inputclocks(CLK,CLK),thefeedbackclocks(FBIN,FBIN),the2.5V
LVCMOS input (PWRDWN), and the Analog Power input (AVDD).
When input PWRDWN is low while power is applied, the input
receiversaredisabled,thePLListurnedoff,andthedifferentialclock
outputs are 3-stated. When the AVDD is strapped low, the PLL is
turned off and bypassed for test purposes.
When the input frequency falls below a suggested detection fre-
quency that is below the operating frequency of the PLL, the device
willenteralowpowermode.Aninputfrequencydetectioncircuitwill
detect the low frequency condition and perform the same low power
features as when the PWRDWN input is low.
The PLL in the PI6CVF857 clock driver uses the input clocks (CLK,
CLK) and the feedback clocks (FBIN,FBIN) to provide high-perfor-
mance,low-skew,low-jitteroutputdifferentialclocks(Y[0:9],Y[0:9]).
The PI6CVF857 is also able to track Spread Spectrum Clocking for
reduced EMI.
ProductFeatures
• Operating Frequency up to 220 MHz for PC3200 Registered
DIMM applications
• Distributes one differential clock input pair to ten differential
clock output pairs
• Inputs(CLK,CLK)and(FBIN,FBIN)
• Input PWRDWN: LVCMOS
• Outputs (Yx,Yx),(FBOUT,FBOUT)
• External feedback pins (FBIN,FBIN) are used to
synchronize the outputs to the clock input
• Operatesat2.5VforPC1600,PC2100,PC2700,
and2.6VforPC3200
• Packaging (Pb-free & Green available, select packages):
– 48-pin TSSOP
– 40-pin TQFN
–56-ballVFBGA
Block Diagram
PI6CVF857
1:10 PLL Clock Driver for
2.5V DDR-SDRAM Memory
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Y0
Y0
Y1
PWRDWN
AVDD
FBIN
FBIN
CLK
CLK
PLL
Y1
Y2
Y2
Y3
Y3
Y4
Y4
Y5
Y5
Y6
Y6
Y7
Y7
Y8
Y8
Y9
Y9
FBOUT
FBOUT
Powerdown
and Test
Logic


Similar Part No. - PI6CVF857

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CV2304 PERICOM-PI6CV2304 Datasheet
218Kb / 8P
160 MHz Clock Buffers
PI6CV2304 PERICOM-PI6CV2304 Datasheet
333Kb / 8P
160 MHz Clock Buffers
PI6CV2304L PERICOM-PI6CV2304L Datasheet
218Kb / 8P
160 MHz Clock Buffers
PI6CV2304L PERICOM-PI6CV2304L Datasheet
333Kb / 8P
160 MHz Clock Buffers
PI6CV2304L PERICOM-PI6CV2304L Datasheet
333Kb / 8P
160 MHz Clock Buffers
More results

Similar Description - PI6CVF857

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CV855 PERICOM-PI6CV855 Datasheet
303Kb / 9P
PLL Clock Driver for 2.5V SSTL 2 DDR SDRAM Memory
PI6CU877 PERICOM-PI6CU877 Datasheet
543Kb / 11P
PLL Clock Driver for 1.8V DDR2 Memory
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807 Datasheet
47Kb / 6P
2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6CV857 PERICOM-PI6CV857 Datasheet
340Kb / 9P
PLL Clock Driver for 2.5V DDR-SDRAM Memory
logo
Integrated Device Techn...
IDTCSPT857A IDT-IDTCSPT857A Datasheet
124Kb / 12P
2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857D IDT-IDTCSPT857D Datasheet
138Kb / 15P
2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857C IDT-IDTCSPT857C Datasheet
143Kb / 15P
2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPT857C RENESAS-CSPT857C Datasheet
348Kb / 16P
2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
CSPT857D RENESAS-CSPT857D Datasheet
347Kb / 16P
2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
MPC96877 RENESAS-MPC96877 Datasheet
706Kb / 14P
1.8 V PLL 1:10 Differential SDRAM Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com