Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI5A4595ACEX Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5A4595ACEX
Description  SOTINY Low-Voltage, Single-Supply, 8-Ohm SPST CMOS Analog Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A4595ACEX Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5A4595ACEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A4595ACEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A4595ACEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A4595ACEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A4595ACEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A4595ACEX Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
PS8578C
01/05/05
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Features
• 8-ohm max. On-Resistance
• 1.0-ohm max. On-Resistance Flatness
• Fast Switching
tON = 28ns max.
tOFF = 35ns max.
• Guaranteed 5pC max. Charge Injection
• +2.0V to +5.5V Single-Supply Operation
• 300 MHz -3dB Bandwidth at +25°C
• TTL/CMOS-Logic Compatible
• 80dB Off-Isolation at 1MHz
• 0.5nA max. Off-Leakage
• 0.05% THD
• Packaging (Pb-free & Green available):
- 5-pin SC70 (C)
Description
PI5A4594A/PI5A4596A are single-pole/single-throw (SPST) ana-
log switches that operate from a single +2.0V to +5.5V supply. The
PI5A4594A/PI5A4596A switches are normally open (NO), and the
PI5A4595A/PI5A4597A are normally closed (NC). The PI5A4596A/
PI5A4597A pinouts are optimized for the highest SC70 package
off-isolation available.
These switches have 10-ohm max On-Resistance (RON), with 1.5-
ohms max RON flatness over the analog signal range when powered
from a +5V supply. Leakage currents are 0.5nA and fast switching
times are less than 40ns. They are packaged in a compact 5-pin
SC70 package.
Block Diagrams/Pin Configurations/Truth Table
Top Views
COM
PI5A4594A
NO
GND
1
2
3
5
4
V+
IN
COM
PI5A4595A
NC
GND
1
2
3
5
4
V+
IN
IN
PI5A4596A
COM
GND
1
2
3
5
4
V+
NO
IN
PI5A4597A
COM
GND
1
2
3
5
4
V+
NC
t
u
p
n
n
I
e
t
a
t
S
h
c
t
i
w
S
A
6
9
5
4
A
5
I
P
/
A
4
9
5
4
A
5
I
PA
7
9
5
4
A
5
I
P
/
A
5
9
5
4
A
5
I
P
W
O
LF
F
ON
O
H
G
I
HN
OF
F
O
Switches shown for Logic “0” input.
PI5A4594A/4595A/4596A/4597A
SOTINY™ Low-Voltage, Single-Supply,
8-Ohm SPST CMOS Analog Switches
n
i
P
e
m
a
Nn
o
i
t
c
n
u
F
A
4
9
5
4
A
5
I
PA
5
9
5
4
A
5
I
PA
6
9
5
4
A
5
I
PA
7
9
5
4
A
5
I
P
1
1
22
M
O
Cn
o
m
m
o
C
,
h
c
t
i
w
S
g
o
l
a
n
A
2–
4
–
O
Nn
e
p
O
y
l
l
a
m
r
o
N
,
h
c
t
i
w
S
g
o
l
a
n
A
33
3
3
D
N
Gd
n
u
o
r
G
44
1
1
N
It
u
p
n
I
l
o
r
t
n
o
C
l
a
t
i
g
i
D
55
5
5
+
Ve
g
a
t
l
o
V
y
l
p
p
u
S
e
v
i
t
i
s
o
P
–2
–
4
C
Nd
e
s
o
l
C
y
l
l
a
m
r
o
N
,
h
c
t
i
w
S
g
o
l
a
n
A
Pin Description
Note: NO, NC, and COM pins are identical and interchangeable. Any pin may be considered as an input or an output; signals pass
Applications
• Cellular Phones • Communications Circuits
• Battery-Operated Equipment • DSL Modems
• Audio and Video Signal Routing • PCMCIA Cards


Similar Part No. - PI5A4595ACEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A4599A PERICOM-PI5A4599A Datasheet
421Kb / 8P
SOTINY Low Resistance, Low-Voltage Single-Supply SPDT Switch
PI5A4599ACX PERICOM-PI5A4599ACX Datasheet
421Kb / 8P
SOTINY Low Resistance, Low-Voltage Single-Supply SPDT Switch
PI5A4599B PERICOM-PI5A4599B Datasheet
352Kb / 8P
SOTiny Low Resistance, Low-Voltage Single-Supply SPDT Switch
PI5A4599BCE PERICOM-PI5A4599BCE Datasheet
352Kb / 8P
SOTiny Low Resistance, Low-Voltage Single-Supply SPDT Switch
PI5A4599BTAE PERICOM-PI5A4599BTAE Datasheet
352Kb / 8P
SOTiny Low Resistance, Low-Voltage Single-Supply SPDT Switch
More results

Similar Description - PI5A4595ACEX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
Low-Voltage, Single Supply, SPST, Analog Switches
June 2003
logo
Maxim Integrated Produc...
MAX4503 MAXIM-MAX4503 Datasheet
114Kb / 12P
Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
Rev 0; 6/96
MAX4594 MAXIM-MAX4594 Datasheet
169Kb / 8P
Low-Voltage, Single-Supply, 10??SPST CMOS Analog Switches
Rev 1; 7/00
logo
Pericom Semiconductor C...
PI5A4626 PERICOM-PI5A4626 Datasheet
210Kb / 9P
SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
logo
Maxim Integrated Produc...
MAX4626 MAXIM-MAX4626 Datasheet
142Kb / 8P
0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Rev 0; 1/00
logo
Pericom Semiconductor C...
PI3A4626 PERICOM-PI3A4626 Datasheet
464Kb / 8P
3.0V, SOTiny Single-Supply 0.4ohm SPST (NO) CMOS Analog Switch
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
Low-Voltage, Single Supply, SPST, Analog Switches
August 2004
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
Low-Voltage, Single Supply, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX4594 MAXIM-MAX4594_V01 Datasheet
589Kb / 10P
Low-Voltage, Single-Supply, 10廓 SPST CMOS Analog Switches
2004
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com