Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6CVF857NF Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6CVF857NF
Description  1:10 PLL Clock Driver for 2.5V DDR-SDRAM Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CVF857NF Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6CVF857NF Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
PS8683B
10/17/03
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6CVF857
1:10 PLL Clock Driver for
2.5V DDR-SDRAM Memory
AC Specifications for PC1600 ~ PC2700
Switching characteristics over recommended operating free-air temperature range (unless otherwise noted)( See Figure 1 & 2 )
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Dm
a
r
g
a
i
D
V
A
D
D
V
,
Q
D
D
V
2
.
0
±
V
5
.
2
=
s
t
i
n
U
.
n
i
M.
m
o
Nx
a
M
)
c
c
(
ti
jtr
e
tt
ij
e
l
c
y
c
-
o
t
-
e
l
c
y
C4
e
r
u
g
i
F0
5
–0
5
s
p
(
t
θ)t
e
s
f
f
o
e
s
a
h
p
c
it
a
t
S
)
1
(
5
e
r
u
g
i
F0
5
–0
0
5
)
o
(
k
s
tw
e
k
s
k
c
o
l
c
t
u
p
t
u
O6
e
r
u
g
i
F5
7
)
r
e
p
(
ti
jtr
e
tt
ij
d
o
i
r
e
P7
e
r
u
g
i
F5
7
–5
7
)
r
e
p
h
(
ti
jtr
e
tt
ij
d
o
i
r
e
p
-
fl
a
H8
e
r
u
g
i
F0
0
1
–0
0
1
)i
(l
s
te
t
a
r
w
e
l
s
k
c
o
l
c
t
u
p
n
I9
e
r
u
g
i
F0
.
10
.
4
s
n
/
V
)
o
(l
s
te
t
a
r
w
e
l
s
k
c
o
l
c
t
u
p
t
u
O
)
2
(
9
e
r
u
g
i
F0
.
10
.
2
V X
O
e
g
a
tl
o
v
-
s
s
o
r
c
ri
a
p
-l
a
it
n
e
r
e
f
fi
d
t
u
p
t
u
OV
(
Q
D
D
1
.
0
–
)
2
/V
(
Q
D
D
1
.
0
+
)
2
/V
s
r
e
t
e
m
a
r
a
p
g
n
i
w
o
ll
o
f
e
h
t
h
ti
w
s
r
e
z
i
s
e
h
t
n
y
s
C
S
S
g
n
it
r
o
p
p
u
s
e
li
h
w
s
r
e
t
e
m
a
r
a
p
e
v
o
b
a
e
h
t
ll
a
g
n
it
e
e
m
f
o
e
l
b
a
p
a
c
s
i
L
L
P
e
h
T
y
c
n
e
u
q
e
r
f
n
o
it
a
l
u
d
o
m
C
S
S0
0
.
0
30
0
.
0
5z
H
k
n
o
it
a
i
v
e
d
y
c
n
e
u
q
e
r
f
t
u
p
n
i
k
c
o
l
c
C
S
S0
0
.
00
5
.
0
–%
h
t
d
i
w
d
n
a
b
p
o
o
l
L
L
P
)
4
(
2z
H
M
e
l
g
n
a
e
s
a
h
P
1
3
0
.
0
–s
e
e
r
g
e
d
Notes:
1. Static Phase offset does not include Jitter.
2. The Output Skew Rate is calculated by using the load shown in Figure 3.
3. VOX specified at the DRAM clock input or the test load in Figure 2.
4. The SSC requirements meet the Intel PC100 SDRAM Registered DIMM specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com