Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCF5250 Datasheet(PDF) 17 Page - Motorola, Inc

Part # SCF5250
Description  SCF5250 Integrated ColdFire Microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCF5250 Datasheet(HTML) 17 Page - Motorola, Inc

Back Button SCF5250 Datasheet HTML 13Page - Motorola, Inc SCF5250 Datasheet HTML 14Page - Motorola, Inc SCF5250 Datasheet HTML 15Page - Motorola, Inc SCF5250 Datasheet HTML 16Page - Motorola, Inc SCF5250 Datasheet HTML 17Page - Motorola, Inc SCF5250 Datasheet HTML 18Page - Motorola, Inc SCF5250 Datasheet HTML 19Page - Motorola, Inc SCF5250 Datasheet HTML 20Page - Motorola, Inc SCF5250 Datasheet HTML 21Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
Signal Descriptions
SCF5250 Integrated ColdFire® Microprocessor Data Sheet, Rev. 1.1
Freescale Semiconductor
17
4.12 Digital Audio Interface Signals
4.13 Subcode Interface
There is a 3-line subcode interface on the SCF5250. This 3-line subcode interface allows the device to
format and transmit subcode in EIAJ format to a CD channel encoder device. The three signals are
described in Table 10.
4.14 Analog to Digital Converter (ADC)
The ADOUT signal on the ADOUT/SCLK4/GPIO58 pin provides the reference voltage in PWM format.
This output requires an external integrator circuit (resistor/capacitor) to convert it to a DC level to be input
to the ADREF pin.
The six AD inputs are each fed to their own comparator. The reference input to each (ADREF) is then
multiplexed as only one AD comparison can be made at any one time.
NOTE
To use the ADINx as General Purpose inputs (rather than there analogue
function) it is necessary to generate a fixed comparator voltage level of
VDD/2. This can be accomplished by a potential divider network connected
to the ADREF pin. However in portable applications where stand-by power
Table 9. Digital Audio Interface Signals
Serial Module Signal
Description
Digital Audio In
The EBUIN1/GPIO36, EBUIN2/SCLK_OUT/GPIO13,
EBUIN3/CMD_SDIO2/GPIO14, and QSPI_CS0/EBUIN4/GPIO15
multiplexed signals can serve as general purpose input or can be driven
by various digital audio (IEC958) input sources. Both functionalities are
always active. Input chosen for IEC958 receiver is programmed within
the audio module. Input value on the 4 pins can always be read from the
appropriate GPIO register.
Digital Audio Out
The EBUOUT1/GPIO37 and QSPI_CS1/EBUOUT2/GPIO16
multiplexed pins can serve as general purpose I/O or as digital audio
(IEC958) output. EBUOUT1 is digital audio out for consumer mode,
EBUOUT2 is digital audio out for professional mode. During reset, the
pin is configured as a digital audio output.
Table 10. Subcode Interface Signal
Signal name
Description
RCK/QSPI_DIN/QSPI_DOUT/GPIO26
Subcode clock input. When pin is used as subcode clock, this pin is
driven by the CD channel encoder.
QSPI_DOUT/SFSY/GPIO27
Subcode sync output
This signal is driven high if a subcode sync needs to be inserted in the
EFM stream.
QSPI_CLK/SUBR/GPIO25
Subcode data output
This signal is a subcode data out pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com