Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2832425 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2832425
Description  FO media module for connecting 100Base-FX multimode glass fibers (1300 nm), connection direction downwards
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2832425 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2832425 Datasheet HTML 1Page - PHOENIX CONTACT 2832425 Datasheet HTML 2Page - PHOENIX CONTACT 2832425 Datasheet HTML 3Page - PHOENIX CONTACT 2832425 Datasheet HTML 4Page - PHOENIX CONTACT 2832425 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 4, 2011
Extract from the online
catalog
 
FL IF 2FX SC-D
Order No.: 2832425
The illustration shows a version with front connection
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2832425
 
 
FO media module for connecting 100Base-FX multimode glass fibers
(1300 nm), connection direction downwards
 
Commercial data
GTIN (EAN)
4
017918
929138
sales group
K000
Pack
1 pcs.
Customs tariff
85176200
Catalog page information
Page 189 (AX-2009)
Product notes
WEEE/RoHS-compliant since:
05/21/2008
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Interfaces
Interface
Ethernet: 100Base-FX in acc. with IEEE 802.3
No. of ports
2
Type of connection
SC connector
Transmission speed
100 MBit/s (connection direction downwards)


Similar Part No. - 2832425

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
28324-BRF-001-A MA-COM-28324-BRF-001-A Datasheet
109Kb / 2P
M28324 Digital Jitter-Attenuator
28324-BRF-001-A MA-COM-28324-BRF-001-A_15 Datasheet
109Kb / 2P
Digital Jitter-Attenuator
logo
PHOENIX CONTACT
2832412 PHOENIX-2832412 Datasheet
116Kb / 5P
FO media module for connecting 100Base-FX multimode glass fibers (1300 nm), connection direction forwards
logo
Festo Corporation.
2832455 FESTO-2832455 Datasheet
68Kb / 1P
Adapter kit
logo
PHOENIX CONTACT
2832483 PHOENIX-2832483 Datasheet
95Kb / 4P
Memory module, 2 port twisted pair module for saving the switch configuration
More results

Similar Description - 2832425

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP113MLF ETC2-IP113MLF Datasheet
690Kb / 58P
Managed 10/100Base-TX / FX Media Converter
IP113ALF ETC2-IP113ALF Datasheet
270Kb / 22P
10 /100Base-Tx/Fx Media Converter
IP113F ETC2-IP113F Datasheet
1Mb / 46P
Managed 10/100Base-TX / FX Media Converter
logo
Axiomtek Co., Ltd.
EL100 AXIOMTEK-EL100 Datasheet
542Kb / 3P
10/100BASE-TX to 100BASE-FX Media Converter
logo
THOR communications
F-FE-TR THOR-F-FE-TR Datasheet
366Kb / 2P
Enhanced 10/100Base-TX to 100Base-FX Media Converter
logo
Axiomtek Co., Ltd.
EL900 AXIOMTEK-EL900_17 Datasheet
835Kb / 4P
Hardened 10/100BASE-TX to 100BASE-FX Media Converter
logo
PHOENIX CONTACT
2708164 PHOENIX-2708164 Datasheet
141Kb / 5P
FO converter, for converting 10/100BASE-T(X) to multimode glass fiber, (1300 nm), SC duplex FO connection, rail-mountable, supply 24V DC
2708986 PHOENIX-2708986 Datasheet
141Kb / 5P
Fiber optic converter, for converting 10/100Base-T(X) to multimode glass fiber, (1300 nm), B-FOC (ST짰) FO connection, rail-mountable, supply 24 V DC
2832205 PHOENIX-2832205 Datasheet
98Kb / 4P
FO interface module for connecting single mode (monomode) glass fibers (1300 nm) to the Factoryline Modular Managed Switch, output downwards
2832412 PHOENIX-2832412 Datasheet
116Kb / 5P
FO media module for connecting 100Base-FX multimode glass fibers (1300 nm), connection direction forwards
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com