Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW81100ATR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STW81100ATR
Description  MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81100ATR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STW81100ATR Datasheet HTML 10Page - STMicroelectronics STW81100ATR Datasheet HTML 11Page - STMicroelectronics STW81100ATR Datasheet HTML 12Page - STMicroelectronics STW81100ATR Datasheet HTML 13Page - STMicroelectronics STW81100ATR Datasheet HTML 14Page - STMicroelectronics STW81100ATR Datasheet HTML 15Page - STMicroelectronics STW81100ATR Datasheet HTML 16Page - STMicroelectronics STW81100ATR Datasheet HTML 17Page - STMicroelectronics STW81100ATR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
STW81100
14/23
7.8.3 VCO Voltage Amplitude Control
The bits A0 and A1 control the voltage swing of the VCO. The following table gives the voltage level ex-
pected on the resonator nodes.
Table 9.
8I2C bus interface
Data transmission from microprocessor to the STW81100 takes place through the 2 wires (SDA and SCL)
I2C-BUS interface. The STW81100 is always a slave device.
The I2C-bus protocol defines any device that sends data on to the bus as a transmitter and any device that
reads the data as receiver. The device that controls the data transfer is known as the Master and the oth-
ers as the slave. The master will always initiate the transfer and will provide the serial clock for synchro-
nization.
8.1 General Features
8.1.1 Power ON Reset
The device at Power ON is able to configure itself to a fixed configuration, with all programmable bits set
to factory default setting.
8.1.2 Data Validity
Data changes on the SDA line must only occur when the SCL is LOW. SDA transitions while the clock is
HIGH are used to identify START or STOP condition.
Figure 17.
8.1.3 START condition
A Start condition is identified by a HIGH to LOW transition of the data bus SDA while the clock signal SCL
is stable in the HIGH state. A Start condition must precede any command for data transfer.
Code A[1:0]
Differential output voltage (Vp)
00
1.1
01
1.3
10
1.9
11
2.1
SDA
SCL
CHANGE
DATA
ALLOWED
DATA LINE
STABLE DATA
VALID
SDA
SCL
CHANGE
DATA
ALLOWED
DATA LINE
STABLE DATA
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com