Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7411 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7411
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7411 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7411 Datasheet HTML 1Page - STMicroelectronics TDA7411 Datasheet HTML 2Page - STMicroelectronics TDA7411 Datasheet HTML 3Page - STMicroelectronics TDA7411 Datasheet HTML 4Page - STMicroelectronics TDA7411 Datasheet HTML 5Page - STMicroelectronics TDA7411 Datasheet HTML 6Page - STMicroelectronics TDA7411 Datasheet HTML 7Page - STMicroelectronics TDA7411 Datasheet HTML 8Page - STMicroelectronics TDA7411 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
TDA7411
2/43
ABSOLUTE MAXIMUM RATINGS
SUPPLY
ESD
All pins are protected against ESD according to the MIL883 standard.
PIN CONNECTION (Top view)
THERMAL DATA
Symbol
Parameter
Value
Unit
VS
Operating Supply Voltage
10.5
V
Tamb
Operating Ambient Temperature Range
-40 to 85
°C
Tstg
Operating Storage Temperature Range
-55 to 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
7.5
8
10
V
IS
Supply Current
VS = 9V
45
mA
SVRR
Ripple Rejection @ 1KHz
Audioprocessor (all filters flat)
60
dB
Stereodecoder + Audioprocessor
55
dB
Symbol
Parameter
Value
Unit
Rth-j pins
Thermal Resistance Junction to pins
Max
85
°C/W
1
2
3
5
6
4
7
8
9
10
17
11
18
19
20
21
22
44
43
42
41
39
40
38
37
36
35
34
28
27
26
24
23
25
33
32
31
29
30
CDCHL-
CDCHR-
CDCHR+
AUXC
AUXL
AUXR
MPX
AM
NV-
CDCHL+
NV+
ACin3L
VS
GND
OutRF
OutRR
OutLF
ACin1R
ACin1L
ACin2L
ACin3R
ACin2R
PINCON-TDA7411
12
13
14
15
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com