Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7419TR Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7419TR
Description  3 BAND CAR AUDIO PROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7419TR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7419TR Datasheet HTML 16Page - STMicroelectronics TDA7419TR Datasheet HTML 17Page - STMicroelectronics TDA7419TR Datasheet HTML 18Page - STMicroelectronics TDA7419TR Datasheet HTML 19Page - STMicroelectronics TDA7419TR Datasheet HTML 20Page - STMicroelectronics TDA7419TR Datasheet HTML 21Page - STMicroelectronics TDA7419TR Datasheet HTML 22Page - STMicroelectronics TDA7419TR Datasheet HTML 23Page - STMicroelectronics TDA7419TR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
TDA7419
20/30
6I2C BUS SPECIFICATION
6.1
Interface Protocol
The interface protocol comprises:
– a start condition (S)
– a chip address byte (the LSB determines read/write transmission)
– a subaddress byte
– a sequence of data (N-bytes + acknowledge)
– a stop condition (P)
– the max. clock speed is 500kbits/s
– 3.3V logic compatible
6.1.1 Receive Mode
S = Start
R/W =
"0" -> Receive Mode (Chip can be programmed by
µP)
"1" -> Transmission Mode (Data could be received by
µP)
ACK = Acknowledge
P = Stop
TS = Testing mode
AZ = Auto zero remain
AI = Auto increment
6.1.2 Transmission Mode
SM = Soft mute activated for main channel
X = Not Used
The transmitted data is automatic updated after each ACK. Transmission can be repeated without new
chip address.
6.1.3 Reset Condition
A Power-On-Reset is invoked if the Supply-Voltage is below than 3.5V. After that the following data is writ-
ten automatically into the registers of all subaddresses:
S
1
0
0
0
1
0
0
R/W
ACK
TS
AZ
AI
A4
A3
A2
A1
A0
ACK
DATA
ACK
P
S
1
0
0
0
1
0
0
R/W
ACK
X
X
X
X
X
X
X
SM
ACK
P
MSB
LSB
11
1111
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com