Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLHW490 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLHW490
Description  White LED in 3mm T 1 Waterclear Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHW490 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLHW490 Datasheet HTML 1Page - Vishay Siliconix TLHW490 Datasheet HTML 2Page - Vishay Siliconix TLHW490 Datasheet HTML 3Page - Vishay Siliconix TLHW490 Datasheet HTML 4Page - Vishay Siliconix TLHW490 Datasheet HTML 5Page - Vishay Siliconix TLHW490 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 83161
Rev. 1.2, 31-Aug-04
VISHAY
TLHW490.
Vishay Semiconductors
Optical and Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
White
TLHW490.
1) in one Packing Unit I
Vmin/IVmax ≤ 0.5
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
t
≤ 5 s
Tsd
260
°C
Thermal resistance junction/
ambient
RthJA
400
K/W
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Luminous intensity 1)
IF = 20 mA
TLHW4900
IV
240
500
mcd
TLHW4901
IV
240
860
mcd
Luminous flux
IF = 20 mA
φV
250
mlm
Chromaticity coordinate x acc.
to CIE 1931
IF = 20 mA
x
0.33
Chromaticity coordinate y acc.
to CIE 1931
IF = 20 mA
y
0.33
Angle of half intensity
IF = 20 mA
ϕ
± 16
deg
Forward voltage
IF = 20 mA
VF
3.5
4.2
V
Reverse voltage
IR = 10 µAVR
5V
Temperature coefficient of VF
IF = 20 mA
TCV
- 4
mV/K
Temperature coefficient of IV
IF = 20 mA
TCI
- 0.5
% / K
Parameter
Test condition
Symbol
Value
Unit
Figure 1. Power Dissipation vs. Ambient Temperature
0
20
40
60
80
100
120
140
Tamb - Ambient Temperature ( °C)
16803
0
2040
6080
100
Figure 2. Forward Current vs. Ambient Temperature
0
5
10
15
20
25
30
35
Tamb - Ambient Temperature ( °C)
16804
0
2040
6080
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com