Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV3002BSTZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADV3002BSTZ
Description  4:1 HDMI/DVI Switch with Equalization DDC/CEC Buffers and EDID Replication
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3002BSTZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADV3002BSTZ Datasheet HTML 17Page - Analog Devices ADV3002BSTZ Datasheet HTML 18Page - Analog Devices ADV3002BSTZ Datasheet HTML 19Page - Analog Devices ADV3002BSTZ Datasheet HTML 20Page - Analog Devices ADV3002BSTZ Datasheet HTML 21Page - Analog Devices ADV3002BSTZ Datasheet HTML 22Page - Analog Devices ADV3002BSTZ Datasheet HTML 23Page - Analog Devices ADV3002BSTZ Datasheet HTML 24Page - Analog Devices ADV3002BSTZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
ADV3002
Rev. B | Page 21 of 28
APPLICATIONS INFORMATION
HDMI MULTIPLEXER FOR ADVANCED TV
The ADV3002 is a complete HDMI/DVI link switch featuring
equalized TMDS inputs, ideal for systems with long cable runs.
The ADV3002 includes bidirectional buffering for the DDC bus
and CEC line, with integrated pull-up resistors for the CEC line.
Additionally, the ADV3002 includes an EDID replication function
that enables one EDID EEPROM to be shared for all four HDMI
ports. Alternatively, a system standby microcontroller can be
used instead of a dedicated EDID EEPROM to load the ADV3002
SRAM. Simplified application schematics are shown in Figure 37
and Figure 38 illustrating these two options.
HDTV SET
ADV3002
HDMI
Rx
OR
SoC
MAIN PCB
Figure 34. ADV3002 as an HDMI Multiplexer in an HDTV
TMDS Signals
TMDS signals can be routed from an HDMI connector directly
to the inputs of the ADV3002. Additional components are not
required for the TMDS signals.
DDC Signals
For the DDC input signals, 47 kΩ pull-up resistors to 5 V are
recommended.
CEC Signal
The CEC buffer in the ADV3002 provides a fully compliant
input in situations where a general-purpose microcontroller is
used to interpret CEC commands. The rise time of the CEC
buffer is set by the time constant of the pull-up resistance and
the capacitance on the node. A 2 kΩ pull-up resistor to 3.3 V is
recommended for optimal output rise times. If a 3.3 V is not
available when the system power is off, a Thevenin equivalent
2 kΩ pull-up resistor to 3.3 V is shown in Figure 35.
ADV3002
MCU
CEC_OUT
CEC_IN
3kΩ
6kΩ
5V_COMBINED
AMUXVCC
Figure 35. CEC Circuit
5 V Power
The individual 5 V power from each HDMI source can be routed
to the respective 5 V inputs of the ADV3002. The ADV3002
combines these four 5 V supplies into one labeled AMUXVCC
to support EDID replication and CEC functionality when the
local system power is off. An internal 5 V supply must be provided
so that power is not drawn from the HDMI sources when the
local system power is on. When the local supply is off, this internal
5 V should be high impedance. This can be assured by using a
Schottky diode, as shown in Figure 36.
P5V_A
5V INTERNAL
P5V_B
P5V_C
P5V_D
AMUXVCC
Figure 36. 5 V Power Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com