Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV7625 Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7625
Description  3 GHz HDMI 5:2 Crosspoint Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7625 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7625 Datasheet HTML 9Page - Analog Devices ADV7625 Datasheet HTML 10Page - Analog Devices ADV7625 Datasheet HTML 11Page - Analog Devices ADV7625 Datasheet HTML 12Page - Analog Devices ADV7625 Datasheet HTML 13Page - Analog Devices ADV7625 Datasheet HTML 14Page - Analog Devices ADV7625 Datasheet HTML 15Page - Analog Devices ADV7625 Datasheet HTML 16Page - Analog Devices ADV7625 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADV7625
Rev. 0 | Page 13 of 24
POWER SPECIFICATIONS
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
POWER SUPPLIES
HDMI TxA Analog Power Supply
AVDD_TXA
1.71
1.8
1.89
V
HDMI TxB Analog Power Supply
AVDD_TXB
1.71
1.8
1.89
V
Comparator Power Supply
CVDD
1.71
1.8
1.89
V
Digital Power Supply
DVDD
1.71
1.8
1.89
V
Digital I/O Power Supply
DVDDIO
3.14
3.3
3.46
V
PLL Power Supply
PVDD
1.71
1.8
1.89
V
HDMI TxA PLL Power Supply
PVDD_TXA
1.71
1.8
1.89
V
HDMI TxB PLL Power Supply
PVDD_TXB
1.71
1.8
1.89
V
Termination Power Supply
TVDD
3.14
3.3
3.46
V
CURRENT CONSUMPTION—MUX MODE1, 2
HDMI TxA Analog Power Supply
IAVDD_TXA
23.2
mA
HDMI TxB Analog Power Supply
IAVDD_TXB
23.2
mA
Comparator Power Supply
ICVDD
196
mA
Digital Core Power Supply
IDVDD
326.1
mA
Digital I/O Power Supply
IDVDDIO
0.1
mA
PLL Power Supply
IPVDD
69.7
mA
HDMI TxA PLL Power Supply
IPVDD_TXA
71.5
mA
HDMI TxB PLL Power Supply
IPVDD_TXB
71.5
mA
Termination Power Supply
ITVDD
116
mA
CURRENT CONSUMPTION—AUDIO EXTRACT/
AUDIO INSERT MODE1, 3
HDMI TxA Analog Power Supply
IAVDD_TXA
26.2
mA
HDMI TxB Analog Power Supply
IAVDD_TXB
26.2
mA
Comparator Power Supply
ICVDD
184
mA
Digital Core Power Supply
IDVDD
436.0
mA
Digital I/O Power Supply
IDVDDIO
0.05
mA
PLL Power Supply
IPVDD
64
mA
HDMI TxA PLL Power Supply
IPVDD_TXA
71.1
mA
HDMI TxB PLL Power Supply
IPVDD_TXB
71.1
mA
Termination Power Supply
ITVDD
115
mA
CURRENT CONSUMPTION—PIXEL PORT INPUT MODE1, 4
HDMI TxA Analog Power Supply
IAVDD_TXA
16.0
mA
HDMI TxB Analog Power Supply
IAVDD_TXB
25.5
mA
Comparator Power Supply
ICVDD
184
mA
Digital Core Power Supply
IDVDD
164
mA
Digital I/O Power Supply
IDVDDIO
0.05
mA
PLL Power Supply
IPVDD
64.1
mA
HDMI TxA PLL Power Supply
IPVDD_TXA
55.2
mA
HDMI TxB PLL Power Supply
IPVDD_TXB
69.5
mA
Termination Power Supply
ITVDD
115.2
mA
CURRENT CONSUMPTION—SPLITTER MODE1, 5
HDMI TxA Analog Power Supply
IAVDD_TXA
26.2
mA
HDMI TxB Analog Power Supply
IAVDD_TXB
26.2
mA
Comparator Power Supply
ICVDD
93
mA
Digital Core Power Supply
IDVDD
243.5
mA
Digital I/O Power Supply
IDVDDIO
0.05
mA
PLL Power Supply
IPVDD
33.5
mA
HDMI TxA PLL Power Supply
IPVDD_TXA
71.1
mA
HDMI TxB PLL Power Supply
IPVDD_TXB
71.1
mA
Termination Power Supply
ITVDD
115
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com