Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC8190K Datasheet(PDF) 2 Page - NEC

Part # UPC8190K
Description  RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8190K Datasheet(HTML) 2 Page - NEC

  UPC8190K Datasheet HTML 1Page - NEC UPC8190K Datasheet HTML 2Page - NEC UPC8190K Datasheet HTML 3Page - NEC UPC8190K Datasheet HTML 4Page - NEC UPC8190K Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UPC8190K
Q
10
9
7
8
GND(Dem od )
6
Qb
Ib
I
IF_IN b
GND(AGC+REG)
NC
VPS
IF_IN
1
4
20
19
3
25
15
12
13
14
11
18
17
16
1/2 freq. +
Phase Shifter
Reg. &
Gain Control
BLOCK DIAGRAM (Units in mm)
Part Number
Package
UPC8190K-E1
20 Pin plastic QFN
ORDERING INFORMATION
SYMBOLS
PARAMETERS
UNITS MIN
TYP
MAX
VCC
Supply Voltage
V
2.7
2.85
3.3
TA
Operating Ambient
°C
-25
+25
+85
Temperature
fIF
IF Frequency
MHz
–
380
–
fLO
Local Frequency
MHz
–
760
–
PLO
Local Input Level
dBm
-18
-15
-12
ZI/Q
I/Q Load Impedance
kW
10
20
–
RECOMMENDED
OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS1(TA = 25°C)
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
4.0
VPS, VCONT
Applied Voltage
V
-0.3 to VCC +0.3
Ta
Operating Ambient
°C
-40 to +85
Temperature
TSTG
Storage Temperature
°C
-55 to +150
PART NUMBER
UP8190K
PACKAGE OUTLINE
QFN-20
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
NF
Noise Figure, Gain = +65 dB
dB
–
9.5
12
EVM
Error Vector Magnitude, IF = 380 MHz, 3.84 Msps
%rms
–
3
–
QPSK modulation, Gain is adjusted.
P1dB
Input Power at 1 dB compression point at Gain = +50 dB
dBm
–
-45
–
STANDARD CHARACTERISTICS FOR REFERENCE (unless otherwise specified,TA = 25°C, VCC = 3.0 V,
fIF = 382.5 MHz, fLO = 760 MHz, PLO = -15 dBm, fI/Q = 2.5 MHz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com