Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8950 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8950
Description  ADC WITH MICROPHONE INPUT AND PROGRAMMABLE DIGITAL FILTERS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8950 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8950 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8950 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8950 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8950 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8950 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8950 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8950 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8950 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8950 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
w
WM8950
ADC with Microphone Input and Programmable Digital Filters
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Preliminary Technical Data, June 2005, Rev 2.1
Copyright
2005 Wolfson Microelectronics plc
DESCRIPTION
The WM8950 is a low power, high quality mono ADC designed
for portable applications such as Digital Still Camera, Digital
Voice Recorder or games console accessories.
The device integrates support for a differential or single ended
mic. External component requirements are reduced as no
separate microphone amplifiers are required.
Advanced Sigma Delta Converters are used along with digital
decimation filters to give high quality audio at sample rates
from 8 to 48ks/s. Additional digital filtering options are
available, to cater for application filtering such as wind noise
reduction, noise rejection, plus an advanced mixed signal ALC
function with noise gate is provided.
An on-chip PLL is provided to generate the required Master
Clock from an external reference clock. The PLL clock can
also be output if required elsewhere in the system.
The WM8950 operates at supply voltages from 2.5 to 3.6V,
although the digital supplies can operate at voltages down to
1.71V to save power. Different sections of the chip can also be
powered down under software control by way of the selectable
two or three wire control interface.
WM8950 is supplied in a very small 4x4mm QFN package,
offering high levels of functionality in minimum board area,
with high thermal performance.
FEATURES
Mono ADC:
Audio sample rates:8, 11.025, 16, 22.05, 24, 32, 44.1, 48kHz
SNR 95dB, THD -85dB (‘A’-weighted @ 8 – 48ks/s)
Multiple auxiliary analog inputs
Mic Preamps:
Differential or single end Microphone Interface
-
Programmable preamp gain
-
Psuedo differential inputs with common mode rejection
-
Programmable ALC / Noise Gate in ADC path
Low-noise bias supplied for electret microphones
OTHER FEATURES
5 band EQ
Programmable High Pass Filter (wind noise reduction)
Fully Programmable IIR Filter (notch filter)
On-chip PLL
Low power, low voltage
-
2.5V to 3.6V (digital: 1.71V to 3.6V)
-
power consumption TBD all-on 48ks/s mode
4x4x0.9mm 24 pin QFN package
APPLICATIONS
Digital Still Camera
General Purpose low power audio ADC
Games console accessories
Voice recorders


Similar Part No. - WM8950

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8950 CIRRUS-WM8950 Datasheet
1Mb / 60P
ADC with Microphone Input and Programmable Digital Filters
More results

Similar Description - WM8950

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8737 WOLFSON-WM8737 Datasheet
535Kb / 38P
STEREO ADC WITH MICROPHONE PREAMPLIFIER
WM8951L WOLFSON-WM8951L Datasheet
499Kb / 42P
STEREO ADC WITH MICROPHONE INPUT AND CLOCK GENERATOR
WM8951L WOLFSON-WM8951L_07 Datasheet
595Kb / 42P
Stereo ADC with Microphone Input and Clock Generator
WM8737L WOLFSON-WM8737L_12 Datasheet
413Kb / 40P
Stereo ADC with Microphone Preamplifier
logo
Cirrus Logic
WM8737 CIRRUS-WM8737 Datasheet
413Kb / 40P
Stereo ADC with Microphone Preamplifier
WM8950 CIRRUS-WM8950 Datasheet
1Mb / 60P
ADC with Microphone Input and Programmable Digital Filters
logo
Littelfuse
MPU-32 LITTELFUSE-MPU-32 Datasheet
490Kb / 2P
Programmable digital input
logo
Nuvoton Technology Corp...
NAU85L20 NUVOTON-NAU85L20 Datasheet
2Mb / 47P
Dual Audio ADC with Integrated FLL and Microphone Preamplifier
NAU85L40B NUVOTON-NAU85L40B Datasheet
2Mb / 57P
Quad Audio ADC with Integrated FLL and Microphone Preamplifier
NAU85L40 NUVOTON-NAU85L40 Datasheet
933Kb / 24P
Quad Audio ADC with Integrated FLL and Microphone Preamplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com