Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC81xM Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LPC81xM
Description  32-bit ARM짰 Cortex짰-M0 microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81xM Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LPC81xM Datasheet HTML 12Page - NXP Semiconductors LPC81xM Datasheet HTML 13Page - NXP Semiconductors LPC81xM Datasheet HTML 14Page - NXP Semiconductors LPC81xM Datasheet HTML 15Page - NXP Semiconductors LPC81xM Datasheet HTML 16Page - NXP Semiconductors LPC81xM Datasheet HTML 17Page - NXP Semiconductors LPC81xM Datasheet HTML 18Page - NXP Semiconductors LPC81xM Datasheet HTML 19Page - NXP Semiconductors LPC81xM Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 78 page
background image
LPC81XM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4.6 — 4 April 2018
16 of 78
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
• Program the input glitch filter with different filter constants using one of the IOCON
divided clock signals (IOCONCLKCDIV, see Figure 10 “LPC81xM clock generation”).
You can also bypass the glitch filter.
• Invert the input signal.
• Hysteresis can be enabled or disabled.
• For pins PIO0_10 and PIO0_11, select the I2C-mode and output driver for standard
digital operation, for I2C standard and fast modes, or for I2C Fast mode+.
• On mixed digital/analog pins, enable the analog input mode. Enabling the analog
mode disconnects the digital functionality.
Remark: The functionality of each I/O pin is flexible and is determined entirely through the
switch matrix. See Section 8.9 for details.
8.8.1 Standard I/O pad configuration
Figure 8 shows the possible pin modes for standard I/O pins with analog input function:
• Digital output driver with configurable open-drain output
• Digital input: Weak pull-up resistor (PMOS device) enabled/disabled
• Digital input: Weak pull-down resistor (NMOS device) enabled/disabled
• Digital input: Repeater mode enabled/disabled
• Digital input: Input glitch filter selectable on all pins
• Analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com