Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STR1-SAMF03P5 Datasheet(PDF) 5 Page - SICK AG

Part # STR1-SAMF03P5
Description  NON-CONTACT SAFETY SWITCHES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

STR1-SAMF03P5 Datasheet(HTML) 5 Page - SICK AG

  STR1-SAMF03P5 Datasheet HTML 1Page - SICK AG STR1-SAMF03P5 Datasheet HTML 2Page - SICK AG STR1-SAMF03P5 Datasheet HTML 3Page - SICK AG STR1-SAMF03P5 Datasheet HTML 4Page - SICK AG STR1-SAMF03P5 Datasheet HTML 5Page - SICK AG STR1-SAMF03P5 Datasheet HTML 6Page - SICK AG STR1-SAMF03P5 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STR1-SAMF03P5 | STR1
NON-CONTACT SAFETY SWITCHES
Response range
“Flat”/"Mini" actuator, active side sensor surface
–40
(–1.57)
–20
(–0.79)
20
(0.79)
40
(1.57)
0
0
4
(0.16)
8
(0.31)
12
(0.47)
16
(0.63)
20
(0.79)
[mm] (inch)
Safe switch on distance SAo 9 mm.Pay attention to boundary areas in case of parallel approach: If the actuator moves laterally in re-
lation to the surface of the sensor, a minimum distance of 4 mm must be maintained. This distance will prevent premature trigger-
ing due to the side approach areas.
“Flat”/"Mini" actuator, active front sensor surface
–40
(–1.57)
–20
(–0.79)
20
(0.79)
40
(1.57)
0
0
4
(0.16)
8
(0.31)
12
(0.47)
16
(0.63)
20
(0.79)
[mm] (inch)
Safe switch on distance SAo 14 mm.Pay attention to boundary areas in case of parallel approach: If the actuator moves laterally in
relation to the surface of the sensor, a minimum distance of 10 mm must be maintained. This distance will prevent premature trig-
gering due to the side approach areas.
2018-08-31 13:13:28 | Online data sheet
Subject to change without notice
SAFETY SWITCHES | SICK
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com