Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STR1-SASF0AC5 Datasheet(PDF) 7 Page - SICK AG

Part # STR1-SASF0AC5
Description  NON-CONTACT SAFETY SWITCHES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

STR1-SASF0AC5 Datasheet(HTML) 7 Page - SICK AG

  STR1-SASF0AC5 Datasheet HTML 1Page - SICK AG STR1-SASF0AC5 Datasheet HTML 2Page - SICK AG STR1-SASF0AC5 Datasheet HTML 3Page - SICK AG STR1-SASF0AC5 Datasheet HTML 4Page - SICK AG STR1-SASF0AC5 Datasheet HTML 5Page - SICK AG STR1-SASF0AC5 Datasheet HTML 6Page - SICK AG STR1-SASF0AC5 Datasheet HTML 7Page - SICK AG STR1-SASF0AC5 Datasheet HTML 8Page - SICK AG STR1-SASF0AC5 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
STR1-SASF0AC5 | STR1
NON-CONTACT SAFETY SWITCHES
STR1 transponder safety switch to RLY3-OSSD2 safety relay
K2
K1
+24 V DC
0 V
PLC
I1
k2
k1
Reset
E212770/00/2018-06-07
R1
Y1
Y2
24
A2
14
S1
I1
I2
23
A1
13
RLY3-OSSD2
3
2
4
1
5
STR1
State RES
Parallel connection of two STR1 transponder safety switches to a Flexi Classic safety controller
UE410-MU/XU
PLC
Q1
A1
I4
I3
A2
K1
K2
k2
k1
EN
FE
I2
I1
I1
I2
X1
X2
7
Q3
Q2
Function
Q4
S1
S2
S3
Reset
+24 V DC
0 V
FE
E148463/00/2016-02-08
STR1
1
3
4
5
2
STR1
1
3
4
5
2
2018-09-06 10:37:18 | Online data sheet
Subject to change without notice
SAFETY SWITCHES | SICK
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com