Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STR1-SASF0AC8 Datasheet(PDF) 8 Page - SICK AG

Part # STR1-SASF0AC8
Description  NON-CONTACT SAFETY SWITCHES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

STR1-SASF0AC8 Datasheet(HTML) 8 Page - SICK AG

  STR1-SASF0AC8 Datasheet HTML 1Page - SICK AG STR1-SASF0AC8 Datasheet HTML 2Page - SICK AG STR1-SASF0AC8 Datasheet HTML 3Page - SICK AG STR1-SASF0AC8 Datasheet HTML 4Page - SICK AG STR1-SASF0AC8 Datasheet HTML 5Page - SICK AG STR1-SASF0AC8 Datasheet HTML 6Page - SICK AG STR1-SASF0AC8 Datasheet HTML 7Page - SICK AG STR1-SASF0AC8 Datasheet HTML 8Page - SICK AG STR1-SASF0AC8 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
STR1-SASF0AC8 | STR1
NON-CONTACT SAFETY SWITCHES
Series connection of three STR1 transponder safety switches to a Flexi Classic safety controller
UE410-MU/XU
+24 V DC
8
Function
Q1
I4
I3
A2
EN
Q3
Q2
Q4
A1
I2
I1
X1
X2
S1
S2
S3
FE
K1
k2
k1
Reset
K2
0 V
FE
E148462/00/2016-02-08
STR1
2
4
3
8
7
6
1
5
STR1
2
4
3
8
7
6
1
5
STR1
2
4
3
8
7
6
1
5
Recommended accessories
Other models and accessories
www.sick.com/STR1
Brief description
Type
Part no.
Nuts and screws
10 pieces
Safety screws M4 x 20
5333571
Plug connectors and cables
Head A: female connector, M12, 8-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PUR, halogen-free, unshielded, 2 m
YF2A18-020UA5XLEAX
2095652
Head A: female connector, M12, 8-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PUR, halogen-free, unshielded, 5 m
YF2A18-050UA5XLEAX
2095653
Head A: female connector, M12, 8-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PUR, halogen-free, unshielded, 10 m
YF2A18-100UA5XLEAX
2095654
8
SAFETY SWITCHES | SICK
Online data sheet | 2018-09-06 10:37:18
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com