Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR3865G-15-S08-X-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LR3865G-15-S08-X-R
Description  2A LOW DROPOUT LINEAR REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR3865G-15-S08-X-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LR3865G-15-S08-X-R Datasheet HTML 1Page - Unisonic Technologies LR3865G-15-S08-X-R Datasheet HTML 2Page - Unisonic Technologies LR3865G-15-S08-X-R Datasheet HTML 3Page - Unisonic Technologies LR3865G-15-S08-X-R Datasheet HTML 4Page - Unisonic Technologies LR3865G-15-S08-X-R Datasheet HTML 5Page - Unisonic Technologies LR3865G-15-S08-X-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LR3865
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R102-099.c
ABSOLUTE MAXIMUM RATING (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
6.5
V
Power Dissipation
PD
606
mW
Junction Temperature
TJ
+125
°С
Operating Temperature
TOPR
-40 ~ +85
°С
Storage Temperature
TSTG
-65 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL RESISTANCES CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
165
C/W
ELECTRICAL CHARACTERISTICS
(TA= 25°C, VIN = OUT + 1V or VIN =2.5V whichever is greater, CIN = 10µF+0.1µF, COUT = 10uF + (0.1uF + 0.1uF),
unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
Note1
6
V
Output Voltage Accuracy
(Preset Mode)
OUT
TA=25°С , IOUT= 1mA ~2A
-2
2
%
Maximum Output Current
IOUT
3.8
A
Short-Circuit Current Limit
ILIMIT
OUT=0V
3.8
A
IQ
IOUT=1mA
200
Ground Pin Current
IOFF
EN=GND
0.5
5
µA
Dropout Voltage (Note 2)
VD
IOUT=2.0A
650
mV
Line Regulation (Note 3)
OUT
IN
OUT
V
×
∆V
∆V
VIN=OUT+1V~6V
0.08
0.55
%/V
Load Regulation (Note 3, 4)
∆OUT
VIN=OUT+1V, OUT=2.5V,
IOUT=10mA~2.0A
0.3
1.0
%
Power Supply Rejection Ratio
PSRR
F=1Khz
45
dB
VIH
1.8
V
Shutdown Threshold
VIL
0.5
V
Thermal Shutdown Temperature
TSHDN
165
°С
Thermal Shutdown Hysteresis
DTSHDN
30
°С
ADJ Voltage
VADJ
Measured on SET/ADJ,
IOUT =10mA
0.588
0.6
0.612
V
ADJ Mode Threshold
100
mV
Adjustable Output Voltage
0.8
4.5
V
SoftStart Current
ISS
VSS=0
1.2
uA
Power-OK Threshold
Vpokth
Referred to OUT (nominal)
93.75
%
Power-OK Hysteresis
Vpokhys
6.25
%
Power-OK output Low Voltage
VpokL
Sinking 1mA
0.4
V
Notes: 1. The minimum operating value for VIN is equal to either [OUT(NOM)+VD] or 2.5V, whichever is greater.
2. Dropout voltage is defined as the voltage from the input to output when output is 2% below the nominal
value. Dropout voltage specification applies only to output voltage of 2.5V and above .
3. Output voltage line regulation is defined as the change in output voltage from the nominal value resulting
from a change in the input line voltage. Output voltage load regulation is defined as the change in output
voltage from the nominal value as the load current increases from no load to full load.
4. Regulation is measured at constant junction temperature by using a 10ms current pulse.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com