Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSA2268 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FSA2268
Description  Low-Voltage Dual-SPDT Analog Switch with 16kV ESD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA2268 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FSA2268 Datasheet HTML 2Page - ON Semiconductor FSA2268 Datasheet HTML 3Page - ON Semiconductor FSA2268 Datasheet HTML 4Page - ON Semiconductor FSA2268 Datasheet HTML 5Page - ON Semiconductor FSA2268 Datasheet HTML 6Page - ON Semiconductor FSA2268 Datasheet HTML 7Page - ON Semiconductor FSA2268 Datasheet HTML 8Page - ON Semiconductor FSA2268 Datasheet HTML 9Page - ON Semiconductor FSA2268 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AC Electrical Characteristics
All typical value are for VCC=3.3V at 25ºC unless otherwise specified.
Symbol
Parameter
Conditions
VCC (V)
TA=+25ºC
TA=-40 to
+85°C
Unit
Figure
Min. Typ. Max.
Min.
Max.
tON
Turn-On
Time
nB0 or
nB1=1.5V,
RL=50Ω,
CL=35pF
3.6 to 4.3
55
15
60
ns
Figure 8
Figure 9
2.7 to 3.6
60
15
65
2.3 to 2.7
65
15
70
1.65 to 1.95
70
tOFF
Turn-Off
Time
nB0 or
nB1=1.5V,
RL=50Ω,
CL=35pF
3.6 to 4.3
30
5
35
ns
2.7 to 3.6
35
5
40
2.3 to 2.7
40
5
45
1.65 to 1.95
40
tBBM
Break-
Before-Make
Time
nB0 or
nB1=1.5V,
RL=50Ω,
CL=35pF
3.6 to 4.3
15
2
ns
Figure 10
2.7 to 3.6
15
2
2.3 to 2.7
15
2
1.65 to 1.95
16
2
Q
Charge
Injection
CL=1.0nF,
VS=0V, RS=0Ω
1.65 to 4.30
25
pC
Figure 14
OIRR
Off Isolation
f=100kHz,
RL=50Ω, CL=0pF
1.65 to 4.30
-70
dB
Figure 12
Xtalk
Crosstalk
f=100kHz,
RL=50Ω, CL=0pF
1.65 to 4.30
-70
dB
Figure 13
BW
-3db
Bandwidth
RL=50Ω, CL=0pF 1.65 to 4.30
>50
MHz
Figure 11
THD
Total
Harmonic
Distortion
f=20Hz to 20kHz,
RL=32,
VIN=2Vpp
1.65 to 4.30
.06
%
Figure 17
Capacitance
Symbol
Parameter
Conditions
VCC (V)
TA=+25ºC
Unit
Figure
Min. Typ.
Max.
CIN
Control Pin Input
Capacitance
f=1MHz
0
1.5
pF
Figure 15
COFF
B Port Off Capacitance
f=1MHz
3.3
30
pF
Figure 15
CON
A Port On Capacitance
f=1MHz
3.3
120
pF
Figure 16
www.onsemi.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com