| Electronic Components Datasheet Search |
|
PEX8748 Datasheet(PDF) 5 Page - PLX Technology |
|
|
|||||||||||||||||||||||||||||
PEX8748 Datasheet(HTML) 5 Page - PLX Technology |
|
5 / 5 page ![]() PEX 8748, PCI Express Gen 3 Switch, 48 Lanes, 12 Ports © PLX Technology, www.plxtech.com Page 5 of 5 10/7/2010, Version 1.0 s f n the PEX 8748 are compliant to xpress system models. The ce Registers (CSRs) in a virtual bus umber, and e , Software Model From a system model viewpoint, each PCI Express port i a virtual PCI to PCI bridge device and has its own set o PCI Express configuration registers. It is through the upstream port that the BIOS or host can configure the other ports using standard PCI enumeration. The virtual PCI to PCI bridges withi the PCI and PCI E Configuration Spa primary/secondary PCI to PCI bridge are accessible by type 0 configuration cycles through the virtual primary interface (matching bus number, device n function number). Interrupt Sources/Events The PEX 8748 switch supports the INTx interrupt messag type (compatible with PCI 2.3 Interrupt signals) or Message Signaled Interrupts (MSI) when enabled. Interrupts/messages are generated by PEX 8748 for hot plug events, doorbell interrupts, baseline error reporting and advanced error reporting. Development PLX offers hardw customer design module (PEX 87 (available at Figure 10. PEX 8748 RDK Tools are and software tools to enable rapid activity. These tools consist of a hardware 48 RDK), hardware documentation w.plxtech.com ww ), and a Software t (also available at www.plxtech.com Development Ki ). xpressLane PEX 8748 RDK 748 needs to get their ardware and software development started. E The PEX 8748 RDK (see Figure 10) is a hardware module containing the PEX 8748 which plugs right into your system. The PEX 8748 RDK can be used to test and validate customer software, or used as an evaluation vehicle for PEX 8748 features and benefits. The PEX 8 RDK provides everything that a user h Software Development Kit (SDK) PLX’s Software Development Kit is available for download at www.plxtech.com/sdk. The software development kit includes drivers, source code, and GUI interfaces to aid in configuring and debugging the PEX 8748. Both performancePAK an PLX’s RDK and SDK, the hardware- and software-dev Product Ordering Info d v in e r isionPAK are supported by dustry’s most advanced lopment kits. mation Part Number Description PEX8748-AA80BC G 48-Lane, 12-Port PCI Express Switch, Pb-Free (27x27mm 2) PEX8748-AA RDK PEX 8748 Rapid Development Kit PLX Technology Inc. hnology, Inc. All other ification purposes only heir duct , All rights reserved. PLX, the PLX logo, ExpressLane, Read Pacing and Dual Cast are trademarks of PLX Tec product names that appear in this material are for ident and are acknowledged to be trademarks or registered trademarks of t respective companies. Information supplied by PLX is believed to be accurate and reliable, but PLX assumes no responsibility for any errors that may appear in this material. PLX reserves the right, without notice, to make changes in pro design or specification. Visit www.plxtech.com for more information. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |