Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC1G3157 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74LVC1G3157
Description  2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G3157 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74LVC1G3157 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 11Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 12Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 13Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 14Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 15Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 16Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
9397 750 14524
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 7 February 2005
13 of 22
Philips Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
Fig 12. Test circuit for measuring break-before-make timing
Test data is given in Table 13.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
VEXT = Test voltage for switching times.
Fig 13. Load circuitry for switching times
Table 13:
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr, tf
CL
RL
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
1.65 V to 1.95 V
VCC
≤ 2.0 ns 50 pF
500
Ω
open
GND
2VCC
2.3 V to 2.7 V
VCC
≤ 2.0 ns 50 pF
500
Ω
open
GND
2VCC
2.7 V
VCC
≤ 2.5 ns 50 pF
500
Ω
open
GND
2VCC
3 V to 3.6 V
VCC
≤ 2.5 ns 50 pF
500
Ω
open
GND
2VCC
4.5 V to 5.5 V
VCC
≤ 2.5 ns 50 pF
500
Ω
open
GND
2VCC
VO
VS
001aac367
S
A
B0
B1
RL
CL
VI = 0.5VCC
VCC
GND
VS
tD
VO
0.9VO
0.9VO
0.5VS
001aac368
VEXT
VCC
VI
VO
mna616
D.U.T.
CL
RT
RL
RL
PULSE
GENERATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com