Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSA9 Datasheet(PDF) 2 Page - IXYS Corporation

Part # DSA9
Description  Avalanche Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSA9 Datasheet(HTML) 2 Page - IXYS Corporation

  DSA9 Datasheet HTML 1Page - IXYS Corporation DSA9 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2011 IXYS All rights reserved
2 - 2
20110114a
DSA 9
IXYS reserves the right to change limits, test conditions and dimensions.
10-3
10-2
10-1
100
101
0
50
100
150
200
250
300
2
3
4 5 6 7 8 9
1
10
200
400
600
800
100
1000
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
0
10
20
30
40
50
0
5
10
15
20
0
5
10
15
20
25
0
50
100
150
200
0
10-3
10-2
10-1
100
101
102
103
104
0
1
2
3
4
5
I
2t
I
FSM
A
I
F
A
V
F
t
s
t
ms
P
F
W
I
F(AV)M
A
T
amb
°C
t
s
Z
thJH
K/W
A
2s
0
50
100
150
200
250
0
5
10
15
20
25
I
F(AV)M
T
c
A
°C
V
Fig. 6 Transient thermal impedance junction to heatsink
Fig. 1 Forward characteristics
Fig. 2 Surge overload current
I
FSM: crest value, t: duration
Fig. 3 I2t versus time (1-10 ms)
R
thJH for various conduction angles d:
d
R
thJH (K/W)
DC
3.0
180
°
3.35
120
°
3.56
60
°
4.0
30
°
4.64
Constants for Z
thJH calculation:
i
R
thi (K/W)
t
i (s)
1
0.095
0.00032
2
0.515
0.0102
3
1.39
0.360
4
1.0
2.30
Fig. 4 Power dissipation versus forward current and ambient temperature
Fig. 5 Max. forward current at case
temperature
typ.
lim.
T
VJ= 180°C
T
VJ=
25°C
50Hz, 80%V
RRM
T
VJ = 45°C
T
VJ = 180°C
V
R = 0 V
T
VJ=45°C
T
VJ=180°C
DC
d = 180° sin
d =
120°
d =
60°
d =
30°
30°
60°
120°
180°
DC
R
thJA :
8.3 K/W
13 K/W
(CU80x80)
18 K/W
DC
180° sin
120°
60°
30°
ase



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com