Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D3V3F4U10LP-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # D3V3F4U10LP-7
Description  4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D3V3F4U10LP-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  D3V3F4U10LP-7 Datasheet HTML 1Page - Diodes Incorporated D3V3F4U10LP-7 Datasheet HTML 2Page - Diodes Incorporated D3V3F4U10LP-7 Datasheet HTML 3Page - Diodes Incorporated D3V3F4U10LP-7 Datasheet HTML 4Page - Diodes Incorporated D3V3F4U10LP-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
D3V3F4U10LP
Document number: DS38563 Rev. 1 - 2
2 of 5
www.diodes.com
March 2017
© Diodes Incorporated
D3V3F4U10LP
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Condition
Peak Pulse Current, per IEC61000-4-5
IPP
5
A
I/O to VSS, 8/20µs
Peak Pulse Power, per IEC61000-4-5
PPP
30
W
I/O to VSS, 8/20µs
ESD Protection
– Contact Discharge, per IEC61000-4-2
VESD_CONTACT
±12
kV
I/O to VSS
ESD Protection
– Air Discharge, per IEC61000-4-2
VESD_AIR
±12
kV
I/O to VSS
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation Typical (Note 5)
PD
350
mW
Thermal Resistance, Junction to Ambient Typical (Note 5)
RJA
360
°C/W
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Working Voltage
VRWM
3.3
V
Reverse Current
IR
1.0
μA
VR = 3.3V, I/O to VSS
Reverse Breakdown Voltage
VBR
5.5
6.2
V
IR = 1mA, I/O to VSS
Forward Clamping Voltage
VF
-1.0
-0.85
V
IF = -15mA, I/O to VSS
Holding Reverse Voltage
VHOLD
1.3
V
I/O to VSS
Reverse Clamping Voltage (Note 6)
VC
3.5
V
IPP = 5A, I/O to VSS, 8/20µs
Clamping Voltage (Note 7)
VC
5
V
TLP, 16A, tP = 100ns, I/O to VSS
Clamping Voltage (Note 7)
VC
5
V
TLP, -16A, tP = 100ns, I/O to VSS
Dynamic Reverse Resistance
RDIF-R
0.25
TLP, 10A, tP = 100ns, I/O to VSS
Dynamic Forward Resistance
RDIF-F
0.2
TLP, 10A, tP = 100ns, VSS to I/O
Channel Input Capacitance
CI/O
0.5
55
pF
VI/O = 0V, VSS = 0V, f = 1MHz
Notes:
5. Device mounted on FR-4 PCB pad layout (2oz copper) as shown on Diodes Incorporated
’s suggested pad layout, which can be found on our website at
http://www.diodes.com/package-outlines.html.
6. Clamping voltage value is based on an 8x20µs peak pulse current (IPP) waveform.
7. Clamping voltage value is based on a TLP model. TLP conditions: ZO=50Ω, tP = 100ns, tP = 1ns, averageing window; t1=70ns to t2=90ns.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com